Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7006 Datasheet (PDF) - Aeroflex Circuit Technology

7006 Datasheet PDF - Aeroflex Circuit Technology
Part # 7006
Download  7006 Download
File Size   452.08 Kbytes
Page   29 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem

7006 Datasheet (PDF)

Go To PDF Page Download Datasheet
7006 Datasheet PDF - Aeroflex Circuit Technology

Part # 7006
Download  7006 Click to download

File Size   452.08 Kbytes
Page   29 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem

7006 Datasheet (HTML) - Aeroflex Circuit Technology


7006 Product details

General Description

The ACT7005/6 Series provides a complete one package interface between the MIL-STD-1553 bus and all microprocessor systems. The hybrid provides all data buffers and control registers to function as a Bus Controller or Remote Terminal. Control of the hybrid by the subsystem is through simple I/O port commands. Internal hybrid logic removes all critical timing imposed on a typical subsystem, thereby simplifying the implementation of this interface.



Features

• Incorporates Transceivers, Protocol, and System Interface Components into a Single Hybrid Package

• Functions as a Remote Terminal or Bus Controller

• Interfaces to µP as a Simple Peripheral Unit

• +5V Operation

• Provides 2k by 16 of Double Buffered RAM Storage for Transmit and Receive Subaddresses

• Pin Programmable for 8-bit or 16-bit Microprocessors

• Full Military (-55°C to +125°C) Temperature Range



 




Similar Part No. - 7006

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7006 BOURNS-7006 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
API Technologies Corp
7006 APITECH-7006 Datasheet
304Kb / 1P
Rugged SMA Connectors
logo
Time Electronics Ltd.
7006 TIME-ELECTRONICS-7006 Datasheet
45Kb / 1P
7006/7007 Loop-Mates 1 and 2
V1b 19/05/09
logo
TEKTRONIX, INC
7006 KEITHLEY-7006 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
logo
Time Electronics Ltd.
7006 TIME-ELECTRONICS-7006 Datasheet
986Kb / 2P
7010 Single Channel Pressure Calibrator
06/22
More results


Similar Description - 7006

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6402 AD-AD6402 Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
GSM 3 V Transceiver IF Subsystem
REV.0
logo
Texas Instruments
TI380C27 TI-TI380C27 Datasheet
1Mb / 77P
DUAL-PROTOCOL COMMPROCESSOR
S6700 TI-S6700 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
logo
Analog Devices
AD6402 AD-AD6402_15 Datasheet
105Kb / 8P
IF Transceiver Subsystem
REV. 0
logo
Keysight Technologies
DDR4-FUNCTIONAL KEYSIGHT-DDR4-FUNCTIONAL Datasheet
3Mb / 10P
DDR4 Functional/Protocol Debug and Analysis Reference Solution
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
Adlink Technology Inc.
CPCIS-2642 ADLINK-CPCIS-2642 Datasheet
229Kb / 2P
Dual 3U CompactPCI Subsystem
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com