Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7006 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # 7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7006 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button 7006 Datasheet HTML 3Page - Aeroflex Circuit Technology 7006 Datasheet HTML 4Page - Aeroflex Circuit Technology 7006 Datasheet HTML 5Page - Aeroflex Circuit Technology 7006 Datasheet HTML 6Page - Aeroflex Circuit Technology 7006 Datasheet HTML 7Page - Aeroflex Circuit Technology 7006 Datasheet HTML 8Page - Aeroflex Circuit Technology 7006 Datasheet HTML 9Page - Aeroflex Circuit Technology 7006 Datasheet HTML 10Page - Aeroflex Circuit Technology 7006 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
7
+5V
+5V
79
78
77
76
75
74
73
72
11
12
13
14
15
16
17
18
71
70
69
68
67
66
65
64
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
D15
D14 (MSB)
D13
D12
D11
D10
D9
D8
B8
B7
B6
B5
B4
B3
B2
B1
A8
A7
A6
A5
A4
A3
A2
A1
EN
A
→B
D15
D14
D13
D12
D11
D10
D9
D8
9
8
7
6
5
4
3
2
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
B8
B7
B6
B5
B4
B3
B2
B1
A8
A7
A6
A5
A4
A3
A2
A1
EN
D7
D6
D5
D4
D3
D2
D1
D0
A
→B
DS
RD
WR
A3
A2
A1
A0
INT *1
INT *2
DONE
SELF TEST
90
88
89
84
83
82
81
62
63
60
54
A3 (MSB)
A2
A1
A0 (LSB)
DS (Device Select)
RD (Read from RT/BC)
WR (Write to RT/BC)
GOOD BLOCK(RT)/VALID(BC)
VALID TRANS(RT)/INVALID(BC)
DONE
SELF-TEST
These are the recommended
interrupts, but use of them is
optional. The user can select any
combination of interrupts
depending on the needs of the
RT/BC. In addition to the 4
interrupts above, the user can
select from among 8 others to suit
the RT/BC needs.
+5V
R5
10K
Ω
85
28
31
1
86
AD10 OUT
AD10 IN
M 16/8
RESET
CLOCK
Master Reset
6MHz Clock
17
15
13
11
8
6
4
2
3
5
7
9
12
14
16
18
2G
1G
19
1
5 Bit RT Address and
Parity Bit. These lines
can be hardwired for an
RT address or they can
be set by jumpers, DIP
switches, or
TTL/CMOS latches.
2A4
2A3
2A2
2A1
1A4
1A3
1A2
1A1
2Y4
2Y3
2Y2
2Y1
1Y4
1Y3
1Y2
1Y1
2
80
50
48
47
41
43
44
OUTPUT GND
ANALOG GND
DIGITAL GND
LOGIC
OUTPUT GND
ANALOG GND
DIGITAL GND
TRANSCEIVER A
TRANSCEIVER B
TRANSFORMER-COUPLED
CONFIGURATION (LONG-STUB)
RT
Zo, 2%
R4, 2%
0.75ZO
RT ZO
2%
1
2
3
5
6
7
8
4
5
6
7
8
41
2
3
49
51
5
6
7
8
41
2
3
42
40
R3, 2%
0.75ZO
R2
0.75ZO,2%
R1
0.75ZO,2%
DATA
DATA
DATA
DATA
DIRECT-COUPLED CONFIGURATION
(SHORT-STUB)
1553 DATA BUS
38 53
87 16
ACT7005/7006
N = 1:2.5
N = 1.4:1
U1
54LS245
U2
54LS245
U3
54LS244
Figure 3 – Typical Interface Connections
GND
GND
N = 1:1.79
43
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com