Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7006 Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # 7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7006 Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button 7006 Datasheet HTML 14Page - Aeroflex Circuit Technology 7006 Datasheet HTML 15Page - Aeroflex Circuit Technology 7006 Datasheet HTML 16Page - Aeroflex Circuit Technology 7006 Datasheet HTML 17Page - Aeroflex Circuit Technology 7006 Datasheet HTML 18Page - Aeroflex Circuit Technology 7006 Datasheet HTML 19Page - Aeroflex Circuit Technology 7006 Datasheet HTML 20Page - Aeroflex Circuit Technology 7006 Datasheet HTML 21Page - Aeroflex Circuit Technology 7006 Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
18
Operation
RD
WT
DS
AD3
AD2
AD1
AD0
RT AND BC MODE
No Operation - I/O Bus Tri-Stated
x
x
1
x
x
x
x
Read Operation Register
*P
1000
00
Write Operation Register
1
P
0
0
0
0
0
Execute Operation (Load/Unload Ram)
1
P
0
1
0
0
0
Execute Operation with Repeat
1
P
0
1
0
1
0
Read Output FIFO
P
1011
10
Write Input FIFO
1
P
011
10
Reset Input FIFO
1
P
0
1
0
1
1
Reset Output FIFO
1
P
011
01
Reset Input and Output FIFO
1
P
0
1
1
0
0
RT MODE ONLY
Read RT Command Word Register
P
1001
00
Read Receive Command Register
P
1000
10
Read SYNC Data Register
P
1001
10
Write Vector Word Register
1
P
0
0
1
1
0
BC MODE ONLY
Read Status Word #1 Register
P
1000
10
Read Status Word #2/RMD Register
P
1001
10
Write Command Word #1 Register
1
P
0
0
0
1
0
Write Command Word #2/AMD Register
1
P
0
0
1
1
0
Trigger Transaction
1
P
010
01
*P = Active Low Strobe
Table 10 – 16-Bit Mode I/O Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com