Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7006 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # 7006
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

7006 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button 7006 Datasheet HTML 8Page - Aeroflex Circuit Technology 7006 Datasheet HTML 9Page - Aeroflex Circuit Technology 7006 Datasheet HTML 10Page - Aeroflex Circuit Technology 7006 Datasheet HTML 11Page - Aeroflex Circuit Technology 7006 Datasheet HTML 12Page - Aeroflex Circuit Technology 7006 Datasheet HTML 13Page - Aeroflex Circuit Technology 7006 Datasheet HTML 14Page - Aeroflex Circuit Technology 7006 Datasheet HTML 15Page - Aeroflex Circuit Technology 7006 Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
12
described below are available and are essentially
independent. Any, all, or none may be selected.
Also, reporting of faults by the subsystem requires
that SSERR be latched (not pulsed) low until the
fault is cleared.
Resetting SSF and TF on Receipt of Valid
Commands
If ENABLE is selected and the other three option
lines are held high, then the Status Word Register
will be reset on receipt of any valid command with
the exception of Transmit Status and Transmit Last
Command. Note that in this mode, the TF will never
be seen in the Status Word, and the SSF will only be
seen if SSERR is latched low. Also note that the SSF
will not be seen in response to Transmit Status or
Transmit Last Command if the preceding Status
Word was clear, regardless of actions taken on the
SSERR line after the clear status transmission.
Status Register Update at Fault Occurrence
If STATUS UPDATE is selected (held low), then the
TF or SSF will appear in response to a Transmit
Status or Transmit Last Command issued as the first
command after the fault occurs. Any other command
(except as noted in the Preserving the BIT Word
section) will reset the TF and SSF. Repeated
Transmit Status or Transmit Last Command
immediately following the fault will continue to show
the TF and/or SSF in the Status Word. Note that this
behavior may not meet the "letter-of-the-spec" as
described in MIL-STD-1553B, but is considered the
"preferred" behavior by some users.
TF and SSF Reporting in the Next Status
Word – After the Fault
If NEXT STATUS is selected (held low), then the TF
or SSF will appear in response to the very next valid
command after the fault except for Transmit Status
or Transmit Last Command. The flag(s) will be reset
on receipt of any valid command following the status
transmission with the flag(s) set except for Transmit
Status, Transmit Last Command, or as noted in the
following section on Preserving the BIT Word.
Preserving the BIT Word
In order to preserve the Transmitter Timeout Flag,
Subsystem Handshake Failure, and Loop Test
Failure Bits in the BIT Word, it is necessary to select
BIT DECODE (hold it low). This will prevent resetting
those bits if the Transmit Bit Word Mode Command
immediately follows the fault or follows a Transmit
Last Command or Transmit Status immediately
following the fault. It will also prevent resetting the TF
and SSF Bits in the Status Word. Any other valid
commands will cause those BIT Word Bits and the
Status Word Bits to be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com