Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT70014 Datasheet (PDF) - Aeroflex Circuit Technology

MT70014 Datasheet PDF - Aeroflex Circuit Technology
Part # MT70014
Download  MT70014 Download
File Size   187.58 Kbytes
Page   7 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description TWO CHANNEL ARINC TRANSMITTER

MT70014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT70014 Datasheet PDF - Aeroflex Circuit Technology

Part # MT70014
Download  MT70014 Click to download

File Size   187.58 Kbytes
Page   7 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description TWO CHANNEL ARINC TRANSMITTER

MT70014 Datasheet (HTML) - Aeroflex Circuit Technology


MT70014 Product details

FUNCTIONAL DESCRIPTION
The device consists of two independent channels each of which functions as a parallel to serial data converter. The parallel data is loaded via an 8-bit input highway and the serial output is generated in the ARINC format, i.e. 31 bits of data plus one parity bit.

• 8 bit parallel interface
• TTL/CMOS compatible I/P
• Single 5V supply with low power consumption < 50mW
• Full MIL operating range
• Automatic parity generation
• HIGH/LOW speed programmable independently in each channel




Similar Part No. - MT70014

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT700-CUG MARKTECH-MT700-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
logo
Aeroflex Circuit Techno...
MT70003 AEROFLEX-MT70003 Datasheet
143Kb / 6P
SINGLE CHANNEL ARINC DECODER
More results


Similar Description - MT70014

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68C429A ATMEL-TS68C429A Datasheet
1Mb / 43P
CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
TWO WIRE TRANSMITTER
logo
Holt Integrated Circuit...
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
ARINC 429 Transmitter with SPI Interface
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
TWO-WIRE TRANSMITTER
logo
Holt Integrated Circuit...
HI-8470 HOLTIC-HI-8470 Datasheet
896Kb / 19P
16-Channel Discrete-to-Digital Sensor with ARINC 429 Transmitter
HI-3584A HOLTIC-HI-3584A Datasheet
121Kb / 16P
ARINC 429 3.3V Serial Transmitter
HI-8470 HOLTIC-HI-8470_16 Datasheet
897Kb / 19P
16-Channel Discrete-to-Digital Sensor with ARINC 429 Transmitter
HI-8470 HOLTIC-HI-8470_15 Datasheet
891Kb / 19P
16-Channel Discrete-to-Digital Sensor with ARINC 429 Transmitter
logo
SHENZHEN KYL COMMUNICAT...
KYL-T202 KYL-KYL-T202 Datasheet
183Kb / 1P
Two-keyASK Transmitter
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com