Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT70003 Datasheet (PDF) - Aeroflex Circuit Technology

MT70003 Datasheet PDF - Aeroflex Circuit Technology
Part # MT70003
Download  MT70003 Download
File Size   143.1 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description SINGLE CHANNEL ARINC DECODER

MT70003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT70003 Datasheet PDF - Aeroflex Circuit Technology

Part # MT70003
Download  MT70003 Click to download

File Size   143.1 Kbytes
Page   6 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description SINGLE CHANNEL ARINC DECODER

MT70003 Datasheet (HTML) - Aeroflex Circuit Technology


MT70003 Product details

General
This circuit receives serial data from a buffered ARINC 429 bus into a 32 bit shift register. At the end of transmission the received word is checked. It is only considered to be “good” if the overall parity is ODD and the length is 32 bits. If the word fails these checks a TRANSMISSION FAULT flag is set. If the word is ‘good’ the tag bits are loaded into a tag latch and a TAG VALID flag is set. Either internal or external address recognition can be selected according to the state of MODE SELECT.

• 16/24 bit parallel interface
• Automatic address recognition option on 8/10 bits
• Single 5V supply with low power consumption < 50mW
• Full MIL operating range
• Built in parity and word length error detection
• HIGH/LOW speed programmable




Similar Part No. - MT70003

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT700-CUG MARKTECH-MT700-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
logo
Aeroflex Circuit Techno...
MT70014 AEROFLEX-MT70014 Datasheet
187Kb / 7P
TWO CHANNEL ARINC TRANSMITTER
More results


Similar Description - MT70003

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MT34013 AEROFLEX-MT34013 Datasheet
155Kb / 8P
EIGHT CHANNEL ARINC DECODER
MT70014 AEROFLEX-MT70014 Datasheet
187Kb / 7P
TWO CHANNEL ARINC TRANSMITTER
MT72038 AEROFLEX-MT72038 Datasheet
112Kb / 4P
FOUR CHANNEL ARINC 429 LINE RECEIVER
logo
List of Unclassifed Man...
MRD510B ETC-MRD510B Datasheet
71Kb / 8P
Single Channel F2F Decoder IC
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592 Datasheet
1Mb / 13P
Single-Rail ARINC 429 Differential Line Driver
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
ARINC 600
logo
Toshiba Semiconductor
TC90107FG TOSHIBA-TC90107FG Datasheet
626Kb / 15P
Single Channel Video Decoder
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
SINGLE-RAIL ARINC 429 LINE DRIVER
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com