| Electronic Components Datasheet Search |
|
MT70003 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
MT70003 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology |
|
3 / 6 page ![]() MT70003 VLSI COMPONENTS FOR ARINC 429 DATA TRANSMISSION SYSTEMS 3 tPLH DATA READY ↑ from RESET DATA READY ↑ us tPLH tPLH tPLH tPLH (16 bit bus option; data access incomplete; NOT DATA ENABLE LO; LO pulse on NOT RESET DATA READY >2 ) DATA READY ↑ from TAG VALID (NOT DATA ENABLE LO; sequence operation) DATA READY ↑ from NOT DATA ENABLE ↓ (TAG VALID HI; NOT RESET DATA READY HI) DATA READY ↓ from NOT DATA ENABLE ↑ TAG VALID ↓ from NOT RESET DATA READY ↑ (Data access completed) us us us us ADDRESS RECOGNITION times ADDRESS RECOGNISED settling time from TAG VALID) (external recognition MODE SELECT HI) ) TAG INPUTS settling time from TAG VALID (internal ) recognition MODE SELECT LO) ) ADDRESS RECOGNISED end of hold time from TAG ) VALID ) TAG INPUTS end of hold time from TAG VALID 6 4 -0.3 us us General This circuit receives serial data from a buffered ARINC 429 bus into a 32 bit shift register. At the end of transmission the received word is checked. It is only considered to be “good” if the overall parity is ODD and the length is 32 bits. If the word fails these checks a TRANSMISSION FAULT flag is set. If the word is ‘good’ the tag bits are loaded into a tag latch and a TAG VALID flag is set. Either internal or external address recognition can be selected according to the state of MODE SELECT. If the address is recognised within 4 us time window a 32 bit word latch is updated from the shift register. Thus the word latch only contains a “good” word whose address has been recognised. The contents of the word latch can be accessed whenever DATA READY flag is HI. It is available on a parallel trio-state output highway which is either 16 or 24 bits wide according to the state of 16/24 BUS SELECT. In the former, the 32 bit word is output in 2 halves and the state of output DATAMUX indicates which half is present. In the latter case bits 1 to 8 (the tag bits) are not available but the remaining 24 bits are presented together. The user signals his receipt of the ARINC word by pulsing NOT RESET DATA READY low indicating that data access is complete which cancels TAG VALID and DATA READY. The user has a whole word transmission time to access the word latch without entering an overrun condition. When ‘end of word’ is detected an internal sequencer is initiated. Firstly, TAG VALID is examined. If this is still HI an OVERRUN flag is set. Next the data access logic is initialized and both TAG VALID and TRANSMISSION FAULT are cancelled. Once set, the OVERRUN flag is only cancelled by a ‘data access complete’ signal. Thus the presence of an OVERRUN flag signals that the rate of servicing the word latch is slower than the transmission rate. Note that DATA READY and DATA MUX always refer to the status of the output data available from the word latch which cannot be updated unless the user requests it, whereas TAG VALID and TRANSMISSION FAULT always refer the the latest received word. The tag latch is always updated when TAG VALID is set but unless this tag is recognised the contents of the trag latch will bear no relationship to the contents of the word latch. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |