Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT70003 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # MT70003
Description  SINGLE CHANNEL ARINC DECODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MT70003 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  MT70003 Datasheet HTML 1Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 2Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 3Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 4Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 5Page - Aeroflex Circuit Technology MT70003 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MT70003
VLSI COMPONENTS FOR ARINC 429 DATA TRANSMISSION SYSTEMS
1
SINGLE CHANNEL ARINC DECODER
16/24 bit parallel interface
Automatic address recognition option on
8/10 bits
Single 5V supply with low power
consumption < 50mW
Full MIL operating range
Built in parity and word length error
detection
HIGH/LOW speed programmable


Similar Part No. - MT70003

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT700-CUG MARKTECH-MT700-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
logo
Aeroflex Circuit Techno...
MT70014 AEROFLEX-MT70014 Datasheet
187Kb / 7P
TWO CHANNEL ARINC TRANSMITTER
More results

Similar Description - MT70003

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MT34013 AEROFLEX-MT34013 Datasheet
155Kb / 8P
EIGHT CHANNEL ARINC DECODER
MT70014 AEROFLEX-MT70014 Datasheet
187Kb / 7P
TWO CHANNEL ARINC TRANSMITTER
MT72038 AEROFLEX-MT72038 Datasheet
112Kb / 4P
FOUR CHANNEL ARINC 429 LINE RECEIVER
logo
List of Unclassifed Man...
MRD510B ETC-MRD510B Datasheet
71Kb / 8P
Single Channel F2F Decoder IC
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592 Datasheet
1Mb / 13P
Single-Rail ARINC 429 Differential Line Driver
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
ARINC 600
logo
Toshiba Semiconductor
TC90107FG TOSHIBA-TC90107FG Datasheet
626Kb / 15P
Single Channel Video Decoder
logo
Holt Integrated Circuit...
HI-8592 HOLTIC-HI-8592_16 Datasheet
1Mb / 14P
Single-Rail ARINC 429 Differential Line Driver
HI-8596 HOLTIC-HI-8596_16 Datasheet
832Kb / 12P
Single-Rail ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI5090 DEIAZ-DEI5090 Datasheet
285Kb / 10P
SINGLE-RAIL ARINC 429 LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com