Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2650B Datasheet (PDF) - Agere Systems

2650B Datasheet PDF - Agere Systems
Part # 2650B
Download  2650B Download
File Size   57.56 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2650A/B Broadband Photodiode

2650B Datasheet (PDF)

Go To PDF Page Download Datasheet
2650B Datasheet PDF - Agere Systems

Part # 2650B
Download  2650B Click to download

File Size   57.56 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2650A/B Broadband Photodiode

2650B Datasheet (HTML) - Agere Systems


2650B Product details

Description
The 2650A/B provides the proven high performance of our photodiode technology in a very practical, cost-effective package. The 2650-series features high linearity and low capacitance over a 1 GHz bandwidth. These broadband photodiodes are housed in a small, environmentally rugged coaxial package.
The 2650A/B broadband photodetector is designed to provide the performance and flexibility needed to meet the expanding applications of two-way communications networks. This photodiode is used today in forward- and return-path applications, including AMVSB CATV, QAM 64/256, PON, FTTC, and FTTH receivers.

Features
■ Low capacitance, ≤0.6 pF
■ 1 GHz flat response, ±0.5 dB
■ High responsivity:
   — ≥0.85 at 1310 nm
   — ≥0.95 at 1550 nm

Applications
■ Forward-path and return-path broadband video transport
■ EDFA/network monitors




Similar Part No. - 2650B

ManufacturerPart #DatasheetDescription
logo
Heyco.
2650 HEYCO-2650 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Weidmuller
2650000000 WEIDMULLER-2650000000 Datasheet
138Kb / 4P
CH 5.08/24/180G 3.9SN GN BX
logo
Littelfuse
265001 LITTELFUSE-265001 Datasheet
90Kb / 1P
PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
265002 LITTELFUSE-265002 Datasheet
90Kb / 1P
PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
265003 LITTELFUSE-265003 Datasheet
90Kb / 1P
PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
More results


Similar Description - 2650B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
2609B Broadband Photodiode Module
August 2000
2609C AGERE-2609C Datasheet
49Kb / 4P
2609C Broadband Photodiode Module
August 2000
2611A AGERE-2611A Datasheet
49Kb / 4P
2611A Broadband Photodiode Module
August 2000
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
Broadband Photodiode
2609B EMCORE-2609B Datasheet
938Kb / 4P
Broadband Photodiode Module
2611A EMCORE-2611A Datasheet
874Kb / 4P
Broadband Photodiode Module
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
Photodiode
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
Broadband Photodiode
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
2651A/2651E Broadband Photodiode
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com