Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1861D Datasheet (PDF) - Agere Systems

D1861D Datasheet PDF - Agere Systems
Part # D1861D
Download  D1861D Download
File Size   86.22 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)

D1861D Datasheet (PDF)

Go To PDF Page Download Datasheet
D1861D Datasheet PDF - Agere Systems

Part # D1861D
Download  D1861D Click to download

File Size   86.22 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)

D1861D Datasheet (HTML) - Agere Systems


D1861D Product details

Description
The D1861D direct-modulated laser (DML) module is a cost-effective solution for 10 Gbits/s digital transmission up to 50 km using traditional intracity SMF-28† single-mode fiber links. The 1310 nm wavelength eliminates the need for concern about dispersion control over most installed intracity fiber plants. The package contains a high-speed DFB laser chip, thermoelectric cooler, thermistor, optical isolator, and a rear-facet monitor photodiode, which allows for external optical power control.

Features
■ Direct-modulated 1310 nm laser module characterized for use in 10 Gbits/s operations up to 50 km
■ High package slope efficiency
■ Average optical output power capability, 10 dBm
■ Temperature stabilized with internal thermoelectric cooler (TEC), enabling operation within a wide temperature range of –5 °C to +80 °C
■ Hermetically sealed optics, isolator on TEC
■ GPO* RF connector
■ Single-mode fiber pigtail
■ High relaxation frequency at low bias

Applications
■ SONET/SDH low-cost metro applications
■ High-speed data communications
■ DWDM equipment drop-side applications




Similar Part No. - D1861D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861 AGERE-D1861 Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861A AGERE-D1861A Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861A023 AGERE-D1861A023 Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861A040 AGERE-D1861A040 Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861A050 AGERE-D1861A050 Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
More results


Similar Description - D1861D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D1861A AGERE-D1861A Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861B AGERE-D1861B Datasheet
92Kb / 6P
D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
March 2001
D1861C AGERE-D1861C Datasheet
86Kb / 6P
D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)
March 2001
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
T92 AGERE-T92 Datasheet
89Kb / 8P
T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
March 2001
logo
Optoway Technology Inc
SPS-2110G OPTOWAY-SPS-2110G Datasheet
171Kb / 5P
10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
TO293BN-RXYZ AVAGO-TO293BN-RXYZ Datasheet
641Kb / 6P
1310 nm TO-Can Package for 10 Gb/s Applications
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com