Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P172PBCJ Datasheet (PDF) - Agere Systems

P172PBCJ Datasheet PDF - Agere Systems
Part # P172PBCJ
Download  P172PBCJ Download
File Size   89.98 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description P172-Type Receiver

P172PBCJ Datasheet (PDF)

Go To PDF Page Download Datasheet
P172PBCJ Datasheet PDF - Agere Systems

Part # P172PBCJ
Download  P172PBCJ Click to download

File Size   89.98 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description P172-Type Receiver

P172PBCJ Datasheet (HTML) - Agere Systems


P172PBCJ Product details

Description
The P172-type receiver consists of a PIN or APD coupled to a single-mode or multimode fiber pigtail and a linear preamplifier. Both the PIN and APD are rear-illuminated planar diode structures with a low-capacitance active area for maximum responsivity and speed.

Features
■ Low-profile, 8-lead mini-DIL or gull-wing style package:
    — Suitable for SONET/SDH applications
■ Metal package:
    — Offers superior shielding for high noise immunity
■ Planar structure for high reliability
■ Operating wavelength range:
    — 1.25 µm—1.6 µm
■ Available in 8 µm core single-mode fiber or 62.5 µm core multimode fiber pigtails
■ Wide operating temperature range:
    — APD/PIN, –40 °C to +85 °C
■ Scheduled to be qualified according to Telcordia Technologies ™ GR-468-CORE
■ Typical sensitivity:
    — APD, –32 dBm
    — PIN, –23 dBm
■ Thermistor in APD version

Applications
■ Long-reach or metro SONET OC-48 and SDH STM-16, or multidata-rate telecommunications applications
■ SONET/SDH receivers and transponders
■ Line terminal equipment

Benefits
■ Compact size
■ Easily board mounted




Similar Part No. - P172PBCJ

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1727 ETAL-P1727 Datasheet
107Kb / 4P
PICK-OFF TRANSFORMER
logo
PulseCore Semiconductor
P1727 PULSECORE-P1727 Datasheet
182Kb / 9P
Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1727AF-08SR ONSEMI-P1727AF-08SR Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
P1727AG-08SR PULSECORE-P1727AG-08SR Datasheet
182Kb / 9P
Low Power Notebook LCD Panel EMI Reduction IC
More results


Similar Description - P172PBCJ

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R768 AGERE-R768 Datasheet
91Kb / 6P
R768-Type OC-768/STM-256 Lightweight Receiver
September 2000
logo
Sony Corporation
GXB5005 SONY-GXB5005 Datasheet
131Kb / 12P
SMD Type GPS Receiver Module
logo
Sanyo Semicon Device
SVC707 SANYO-SVC707 Datasheet
23Kb / 3P
Silicon Diffused Junction Type FM Receiver Electronic Tuning Applications
logo
Source Photonics, Inc.
T-11-1250-P3-SFC-APC SOURCE-T-11-1250-P3-SFC-APC Datasheet
470Kb / 3P
1.25Gbps 3.3V PIN-TIA Receiver Modules- Pigtailed (APC Type)
logo
IK Semicon Co., Ltd
IL6965 IKSEMICON-IL6965 Datasheet
2Mb / 24P
Receiver follow impedance type can also be used
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
Receiver
7/13/22
logo
Renesas Technology Corp
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
RECEIVER
1995
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
RECEIVER
2009
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com