Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7504 Datasheet (PDF) - Agere Systems

T7504 Datasheet PDF - Agere Systems
Part # T7504
Download  T7504 Download
File Size   221.45 Kbytes
Page   18 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7504 and T75504 Quad PCM Codecs with Filters

T7504 Datasheet (PDF)

Go To PDF Page Download Datasheet
T7504 Datasheet PDF - Agere Systems

Part # T7504
Download  T7504 Click to download

File Size   221.45 Kbytes
Page   18 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T7504 and T75504 Quad PCM Codecs with Filters

T7504 Datasheet (HTML) - Agere Systems


T7504 Product details

Description
The T7504 and T5504 devices are single-chip, fourchannel µ-law/A-law PCM codecs with filters. These integrated circuits provide analog-to-digital and digital-to-analog conversion. They provide the transmit and receive filtering necessary to interface a voice telephone circuit to a time-division multiplexed system. These devices are available in 28-pin PLCCs. The T7504 is also available in a 44-pin MQFP.

Features
■ 5 V only
■ Low-power, latch-up-free CMOS technology
   — 37 mW/channel typical operating power dissipation
   — 1 mW/channel typical powerdown dissipation
■ Automatic master clock frequency selection
   — 2.048 MHz or 4.096 MHz
■ On-chip sample and hold, autozero, and precision voltage reference
■ Differential architecture for high noise immunity and power supply rejection
■ Flexible time-slotted PCM interface — 2.048 MHz or 4.096 MHz data rate
■ Meets or exceeds ITU-T G.711—G.714 requirements and VF characteristics of D3/D4 (as per Lucent Technologies PUB43801)
■ Operating temperature range: –40 °C to +85 °C
■ µ-law/A-law companding selectable




Similar Part No. - T7504

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
E-SWITCH
T750000 E-SWITCH-T750000 Datasheet
168Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T750001 E-SWITCH-T750001 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T750002 E-SWITCH-T750002 Datasheet
189Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T750003 E-SWITCH-T750003 Datasheet
179Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Similar Description - T7504

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7502 AGERE-T7502 Datasheet
417Kb / 16P
T7502 Dual PCM Codec with Filters
February 1998
T7503 AGERE-T7503 Datasheet
417Kb / 16P
T7503 Dual PCM Codec with Filters
February 1998
T7507 AGERE-T7507 Datasheet
558Kb / 30P
T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
August 1999
T8502 AGERE-T8502 Datasheet
440Kb / 16P
T8502 and T8503 Dual PCM Codecs with Filters
July 1998
T8531 AGERE-T8531 Datasheet
999Kb / 48P
T8502 and T8503 Dual PCM Codecs with Filters
November 2000
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
CMOS PCM Transmit/receive Filters
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com