Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8531 Datasheet (PDF) - Agere Systems

T8531 Datasheet PDF - Agere Systems
Part # T8531
Download  T8531 Download
File Size   999.68 Kbytes
Page   48 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T8502 and T8503 Dual PCM Codecs with Filters

T8531 Datasheet (PDF)

Go To PDF Page Download Datasheet
T8531 Datasheet PDF - Agere Systems

Part # T8531
Download  T8531 Click to download

File Size   999.68 Kbytes
Page   48 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description T8502 and T8503 Dual PCM Codecs with Filters

T8531 Datasheet (HTML) - Agere Systems


T8531 Product details

General Description
The Multichannel Programmable Codec Chip Set is comprised of the T8531 16-channel line card signal processor and one or two custom T8532 octal A/D and D/A converters. A ROM-coded tone plant is included on the signal processor. Together these devices achieve a highly integrated and highly programmable multichannel voice codec solution.
Software is provided to compute the gain and filter coefficients required to program the codec.

Features
■ Single 5 V power supply operation
■ Per-channel programmable transmit gain
   — 25.6 dB range, better than 0.01 dB steps
■ Per-channel programmable receive gain
   — 17.8 dB range, better than 0.01 dB steps
■ Per-channel programmable hybrid balance
■ Programmable termination impedances
■ Programmable µ-law, A-law, or linear PCM output
■ DTMF generator
■ DTMF receiver
■ Caller ID generator
■ Call progress tones generator
■ Automatic gain calibration
■ Programmable time-slot assignment with bit offset
■ Low-noise, balanced, receive SLIC interface
■ Few or no SLIC/codec interface components required
■ Analog and digital loopbacks
■ Sigma-delta converters with dither noise reduction
■ Serial microcontroller control interface
■ Available in 64-pin MQFP and TQFP packages




Similar Part No. - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531A AGERE-T8531A Datasheet
888Kb / 50P
T8531A/8532 Multichannel Programmable Codec Chip Set
September 2001
More results


Similar Description - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7502 AGERE-T7502 Datasheet
417Kb / 16P
T7502 Dual PCM Codec with Filters
February 1998
T7503 AGERE-T7503 Datasheet
417Kb / 16P
T7503 Dual PCM Codec with Filters
February 1998
T7504 AGERE-T7504 Datasheet
221Kb / 18P
T7504 and T75504 Quad PCM Codecs with Filters
March 1999
T7507 AGERE-T7507 Datasheet
558Kb / 30P
T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
August 1999
T8502 AGERE-T8502 Datasheet
440Kb / 16P
T8502 and T8503 Dual PCM Codecs with Filters
July 1998
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
CMOS PCM Transmit/receive Filters
logo
Winbond
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
DUAL-CHANNEL VOICEBAND CODECS
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
logo
Zarlink Semiconductor I...
ZL38005 ZARLINK-ZL38005 Datasheet
115Kb / 8P
Enhanced Voice Processor with Dual Wideband Codecs
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
DUAL-CHANNEL VOICEBAND CODECS
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com