Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT1N10 Datasheet (PDF) - Motorola, Inc

MMFT1N10 Datasheet PDF - Motorola, Inc
Part # MMFT1N10
Download  MMFT1N10 Download
File Size   236.4 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER TMOS FET 1 AMP 100 VOLTS

MMFT1N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFT1N10 Datasheet PDF - Motorola, Inc

Part # MMFT1N10
Download  MMFT1N10 Click to download

File Size   236.4 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER TMOS FET 1 AMP 100 VOLTS

MMFT1N10 Datasheet (HTML) - Motorola, Inc


MMFT1N10 Product details

Medium Power Field Effect Transistor

N–Channel Enhancement Mode
Silicon Gate TMOS E–FET™ SOT–223 for Surface Mount

This advanced E–FET is a TMOS Medium Power MOSFET designed to withstand high energy in the avalanche and commutation modes. This new energy efficient device also offers a drain–to–source diode with a fast recovery time. Designed for low voltage, high speed switching applications in power supplies, dc–dc converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. The device is housed in the SOT–223 package which is designed for medium power surface mount applications.

• Silicon Gate for Fast Switching Speeds
• Low RDS(on) — 0.25 Ω max
• The SOT–223 Package can be Soldered Using Wave or Reflow. The Formed Leads Absorb Thermal Stress During Soldering, Eliminating the Possibility of Damage to the Die
• Available in 12 mm Tape and Reel
   Use MMFT1N10ET1 to order the 7 inch/1000 unit reel.
   Use MMFT1N10ET3 to order the 13 inch/4000 unit reel.




Similar Part No. - MMFT1N10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
logo
ON Semiconductor
MMFT107T1 ONSEMI-MMFT107T1 Datasheet
78Kb / 8P
Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T1D ONSEMI-MMFT107T1D Datasheet
78Kb / 8P
Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T3 ONSEMI-MMFT107T3 Datasheet
78Kb / 8P
Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
logo
Motorola, Inc
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
More results


Similar Description - MMFT1N10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
MMFT2406T1 MOTOROLA-MMFT2406T1 Datasheet
90Kb / 6P
MEDIUM POWER TMOS FET 700 mA 240 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
MEDIUM POWER TMOS FET 300 mA 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
TMOS POWER FET 33 AMPERES 100 VOLTS
MTB40N10E MOTOROLA-MTB40N10E Datasheet
192Kb / 10P
TMOS POWER FET 40 AMPERES 100 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com