Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFT2406T Datasheet (PDF) - Motorola, Inc

MMFT2406T Datasheet PDF - Motorola, Inc
Part # MMFT2406T
Download  MMFT2406T Download
File Size   90.0 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER TMOS FET 700 mA 240 VOLTS

MMFT2406T Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFT2406T Datasheet PDF - Motorola, Inc

Part # MMFT2406T
Download  MMFT2406T Click to download

File Size   90.0 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER TMOS FET 700 mA 240 VOLTS

MMFT2406T Datasheet (HTML) - Motorola, Inc


MMFT2406T Product details

Medium Power Field Effect Transistor

N–Channel Enhancement Mode
Silicon Gate TMOS E–FET™ SOT–223 for Surface Mount

This TMOS medium power field effect transistor is designed for high speed, low loss power switching applications such as switching regulators, converters, solenoid and relay drivers. The device is housed in the SOT–223 package which is designed for medium power surface mount applications.

• Silicon Gate for Fast Switching Speeds
• High Voltage — 240 Vdc
• Low Drive Requirement
• The SOT–223 Package can be soldered using wave or reflow.
   The formed leads absorb thermal stress during soldering,
   eliminating the possibility of damage to the die.
• Available in 12 mm Tape and Reel
   Use MMFT2406T1 to order the 7 inch/1000 unit reel.
   Use MMFT2406T3 to order the 13 inch/4000 unit reel.




Similar Part No. - MMFT2406T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMFT2406T1 ONSEMI-MMFT2406T1 Datasheet
37Kb / 4P
Power MOSFET
June, 2004 ??Rev. 3
MMFT2406T1G ONSEMI-MMFT2406T1G Datasheet
37Kb / 4P
Power MOSFET
June, 2004 ??Rev. 3
MMFT2406T3 ONSEMI-MMFT2406T3 Datasheet
37Kb / 4P
Power MOSFET
June, 2004 ??Rev. 3
MMFT2406T3G ONSEMI-MMFT2406T3G Datasheet
37Kb / 4P
Power MOSFET
June, 2004 ??Rev. 3
More results


Similar Description - MMFT2406T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3C03HD MOTOROLA-MMDF3C03HD Datasheet
272Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
MMFT1N10E MOTOROLA-MMFT1N10E Datasheet
236Kb / 10P
MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
MEDIUM POWER TMOS FET 300 mA 60 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com