Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD0101 Datasheet (PDF) - Supertex, Inc

MD0101 Datasheet PDF - Supertex, Inc
Part # MD0101
Download  MD0101 Download
File Size   1247.87 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Protection T/R Switch with Clamp Diodes

MD0101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD0101 Datasheet PDF - Supertex, Inc

Part # MD0101
Download  MD0101 Click to download

File Size   1247.87 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Protection T/R Switch with Clamp Diodes

MD0101 Datasheet (HTML) - Supertex, Inc


MD0101 Product details

General Description

The Supertex MD0101 is a four channel, high voltage, current limiting protection device. It is designed to protect a low noise receiver from the high voltage transmit pulses in ultrasound applications and is commonly referred to as a T/R (transmit and receive) switch. Each channel has three terminals; Tx, Rx, and RGND. The analog switch terminals are Tx and Rx. Rx has integrated clamping diodes to RGND to protect the receiver against high voltages. Voltages greater than ±0.6V will start forward biasing the clamp diodes to RGND.



Features

► Up to ±100V input voltage protection

► Low on resistance - 15Ω typical

► Integrated clamp diodes

► Fast switching speed

► Four electrically isolated channels

► No external supplies needed



Applications

► Medical ultrasound imaging

► NDT applications

► Fast resettable fuses

► High side switches

► Data acquisition




Similar Part No. - MD0101

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD0100 SUTEX-MD0100 Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
MD0100DK6-G SUTEX-MD0100DK6-G Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0105 SUTEX-MD0105 Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
More results


Similar Description - MD0101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
5.0 - 6.0 SPDT T/R Switch
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
T/R - Switch / LNA Assembly
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
Combination T/R - Switch / LNA
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
Combination T/R - Switch / LNA
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Rev 0; 9/12
logo
Supertex, Inc
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
MD0100N8-G SUTEX-MD0100N8-G Datasheet
1Mb / 9P
High Voltage Protection T/R Switch
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com