Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2021 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS2021 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS2021
Download  TS2021 Download
File Size   392.35 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 0.5A Single Channel USB Power Switch

TS2021 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2021 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS2021
Download  TS2021 Click to download

File Size   392.35 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 0.5A Single Channel USB Power Switch

TS2021 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS2021 Product details

General Description
The TS2021 is integrated 85mΩhigh-side power switch for self-powered and bus-powered Universal Serial Bus (USB) applications. This switch operates with input ranging from 3.2V to 6.5V, making it ideal for 5V system. The protection includes current limiting with foldback, short circuit and thermal shutdown. The TS2021 is ideal for any system where current limiting and power control are desired. The TS2021 has low quiescent current and small package, which is particularly suitable in battery powered portable application. Guaranteed minimum output rise time limits inrush current during hot plug-in as well as minimizing EMI and prevents the voltage at upstream port from dropping excessively.

Features
● 85mΩ High-Side MOSFET Switch
● 0.5A Continuous Load Current
● 40uA Quiescent Supply Current
● 1uA Maximum Shutdown Supply Current
● 3.2V to 6.5V Input Voltage Range
● Open-Drain Over-Current Flag Output
● Under-Voltage Lockout
● Current-Limit / Short Circuit Protection
● Thermal Shutdown Protection under Over Current Condition
● Under Voltage Lockout Ensures that Switch is off at Start Up
● Soft Start prevents large Inrush Current.
● No Reverse Current when Power off.
● Enable Active-Low

Applications
● USB Power Management
● High-Side Power Protection Switch
● Hot Plug-In Power Supplies
● Battery-Charger Circuits
● Portable Application
● Digital Television




Similar Part No. - TS2021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS2023 BOTHHAND-TS2023 Datasheet
204Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
logo
Taiwan Semiconductor Co...
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
logo
Bothhand USA, LP.
TS2023A BOTHHAND-TS2023A Datasheet
188Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023B BOTHHAND-TS2023B Datasheet
204Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
More results


Similar Description - TS2021

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2145 DIODES-AP2145 Datasheet
390Kb / 14P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2155 Rev. 1
logo
Taiwan Semiconductor Co...
TS2025 TSC-TS2025 Datasheet
324Kb / 8P
0.5A Dual Channel USB High-Side Power Switch
logo
Diodes Incorporated
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141FMG-7 DIODES-AP2141FMG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141SG-13 DIODES-AP2141SG-13 Datasheet
389Kb / 19P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
0.5A Single Channel USB Switch
logo
Diodes Incorporated
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com