Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2023 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS2023 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS2023
Download  TS2023 Download
File Size   396.49 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Single Channel USB Power Switch

TS2023 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2023 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS2023
Download  TS2023 Click to download

File Size   396.49 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Single Channel USB Power Switch

TS2023 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS2023 Product details

General Description
The TS2023 is integrated 85mΩ high-side power switch for self-powered and bus-powered Universal Serial Bus (USB) applications. This switch operates with input ranging from 3.2V to 6.5V, making it ideal for 5V system. The protection includes current limiting with foldback, short circuit and thermal shutdown. The TS2023 is ideal for any system where current limiting and power control are desired. The TS2023 has low quiescent current and small package, which is particularly suitable in battery powered portable application. Guaranteed minimum output rise time limits inrush current during hot plug-in as well as minimizing EMI and prevents the voltage at upstream port from dropping excessively.

Features
● 85mΩ High-Side MOSFET Switch
● 1A Continuous Load Current
● 40uA Quiescent Supply Current
● 1uA Maximum Shutdown Supply Current
● 3.2V to 6.5V Input Voltage Range
● Open-Drain Over-Current Flag Output
● Under-Voltage Lockout
● Current-Limit / Short Circuit Protection
● Thermal Shutdown Protection under Over Current Condition
● Under Voltage Lockout Ensures that Switch is off at Start Up
● Soft Start prevents large Inrush Current.
● No Reverse Current when Power off.
● Enable Active-Low

Applications
● USB Power Management
● High-Side Power Protection Switc
● Hot Plug-In Power Supplies
● Battery-Charger Circuits
● Portable Application
● Digital Television




Similar Part No. - TS2023

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS2023 BOTHHAND-TS2023 Datasheet
204Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
TS2023A BOTHHAND-TS2023A Datasheet
188Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023B BOTHHAND-TS2023B Datasheet
204Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS2023C BOTHHAND-TS2023C Datasheet
201Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
More results


Similar Description - TS2023

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
1.5A Single Channel USB Power Switch
logo
Diodes Incorporated
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Analog Intergrations Co...
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
1A Single Channel USB Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com