Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2024 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS2024 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS2024
Download  TS2024 Download
File Size   395.89 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.5A Single Channel USB Power Switch

TS2024 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2024 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS2024
Download  TS2024 Click to download

File Size   395.89 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.5A Single Channel USB Power Switch

TS2024 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS2024 Product details

General Description
The TS2024 is integrated 85mΩ high-side power switch for self-powered and bus-powered Universal Serial Bus (USB) applications. This switch operates with input ranging from 3.2V to 6.5V, making it ideal for 5V system. The protection includes current limiting with foldback, short circuit and thermal shutdown. The TS2024 is ideal for any system where current limiting and power control are desired. The TS2024 has low quiescent current and small package, which is particularly suitable in battery powered portable application. Guaranteed minimum output rise time limits inrush current during hot plug-in as well as minimizing EMI and prevents the voltage at upstream port from dropping excessively.

Features
● 85mΩ High-Side MOSFET Switch
● 1.5A Continuous Load Current
● 40uA Quiescent Supply Current
● 1uA Maximum Shutdown Supply Current
● 3.2V to 6.5V Input Voltage Range
● Open-Drain Over-Current Flag Output
● Under-Voltage Lockout
● Current-Limit / Short Circuit Protection
● Thermal Shutdown Protection under Over Current Condition
● Under Voltage Lockout Ensures that Switch is off at Start Up
● Soft Start prevents large Inrush Current.
● No Reverse Current when Power off.
● Enable Active-Low

Applications
● USB Power Management
● High-Side Power Protection Switch
● Hot Plug-In Power Supplies
● Battery-Charger Circuits
● Portable Application
● Digital Television




Similar Part No. - TS2024

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS2024 BOTHHAND-TS2024 Datasheet
285Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
More results


Similar Description - TS2024

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
logo
Diodes Incorporated
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Analog Intergrations Co...
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
1.5A Single Channel USB Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com