Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2025 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS2025 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS2025
Download  TS2025 Download
File Size   324.45 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 0.5A Dual Channel USB High-Side Power Switch

TS2025 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2025 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS2025
Download  TS2025 Click to download

File Size   324.45 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 0.5A Dual Channel USB High-Side Power Switch

TS2025 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS2025 Product details

General Description
The TS2025 is integrated 90mΩ high-side power switch for self-powered and bus-powered Universal Serial Bus (USB) applications. This switch operates with input ranging from 2.7V to 6.5V, making it ideal for both 3V and 5V system. The protection includes current limiting with foldback, short circuit and thermal shutdown. Fault current is limited to typically 1A in accordance with the USB power requirements. The TS2025 is ideal for any system where current limiting and power control are desired. Guaranteed minimum output rise time limits inrush current during hot plug-in as well as minimizing EMI and prevents the voltage at upstream port from dropping excessively.

Features
● 90mΩ High-Side MOSFET Switch
● 0.5A Dual Continuous Load Current
● 80uA Quiescent Supply Current
● 1uA Maximum Shutdown Supply Current
● 2.7V to 6.5V Input Voltage Range
● 20Ω Open-Drain Over-Current Flag Output
● 2.3V Under-Voltage Lockout
● Current-Limit / Short Circuit Protection
● Thermal Shutdown Protection
● Soft Start prevents large Inrush Current.
● Reverse Current Blocking
● 9ms Error Flag Delay Time
● Enable Active-Low
● 8KV Contact ESD Capable
● 15KV Air ESD Capable

Applications
● USB Power Management
● High-Side Power Protection Switch
● Hot Plug-In Power Supplies
● Battery-Charger Circuits
● Portable Application
● Digital Television




Similar Part No. - TS2025

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2021CX5RFG TSC-TS2021CX5RFG Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
logo
Bothhand USA, LP.
TS2023 BOTHHAND-TS2023 Datasheet
204Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
logo
Taiwan Semiconductor Co...
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
logo
Bothhand USA, LP.
TS2023A BOTHHAND-TS2023A Datasheet
188Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
More results


Similar Description - TS2025

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
AIC6186 AIC-AIC6186 Datasheet
222Kb / 9P
0.5A Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
Dual-Channel USB High-Side Power Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com