Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD41 Datasheet (PDF) - Naina Semiconductor ltd.

SD41 Datasheet PDF - Naina Semiconductor ltd.
Part # SD41
Download  SD41 Download
File Size   121.91 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 30A

SD41 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD41 Datasheet PDF - Naina Semiconductor ltd.

Part # SD41
Download  SD41 Click to download

File Size   121.91 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 30A

SD41 Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - SD41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
logo
Naina Semiconductor ltd...
SD41 NAINA-SD41 Datasheet
130Kb / 1P
SCHOTTKY RECTIFIER
SD41 NAINA-SD41 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
More results


Similar Description - SD41

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJS6005WDPK RENESAS-RJS6005WDPK Datasheet
64Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
logo
GeneSiC Semiconductor, ...
GD30MPS06H GENESIC-GD30MPS06H Datasheet
469Kb / 7P
650V 30A SiC Schottky MPS??Diode
GD30MPS06J GENESIC-GD30MPS06J Datasheet
530Kb / 7P
650V 30A SiC Schottky MPS??Diode
GD30MPS12-CAL GENESIC-GD30MPS12-CAL Datasheet
304Kb / 6P
1200V 30A SiC Schottky MPS??Diode
logo
Rectron Semiconductor
SC3S06530A RECTRON-SC3S06530A Datasheet
313Kb / 5P
650V/30A Silicon Carbide Power Schottky Barrier diode
SC3S06530B RECTRON-SC3S06530B Datasheet
1Mb / 5P
650V/30A Silicon Carbide Power Schottky Barrier Diode
logo
UnitedSiC.
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D06530TS UNITEDSIC-UJ3D06530TS Datasheet
984Kb / 5P
30A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Silicon Supplies
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com