Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD41 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # SD41
Description  Schottky Power Diode, 30A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

SD41 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  SD41 Datasheet HTML 1Page - Naina Semiconductor ltd. SD41 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
SD41 thru
SD4145R
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Schottky Power Diode, 30A
Features
Fast Switching
Low forward voltage drop
High surge capability
High efficiency, low power loss
Normal and Reverse polarity
Maximum Ratings (TJ = 25
oC, unless otherwise noted)
Parameter
Test Conditions
Symbol
SD41(R)
SD4145(R)
Units
Repetitive peak reverse voltage
VRRM
35
45
V
RMS reverse voltage
VRMS
25
32
V
DC blocking voltage
VDC
35
45
V
Continuous forward current
TC ≤ 100
oC
IF
30
30
A
Surge non-repetitive forward
current, half-sine wave
TC = 25
oC
IFSM
600
600
A
Forward voltage
IF = 30 A
TJ = 25
oC
VF
0.68
0.68
V
Reverse current
VR = 35V, TJ = 25
oC
IR
1.5
1.5
mA
VR = 35V, TJ = 125
oC
25
25
Thermal & Mechanical Specifications (TJ = 25
oC, unless otherwise noted)
Parameters
Symbol
SD41(R)
SD4145(R)
Units
Maximum thermal resistance, junction to case
Rth(JC)
1.5
oC/W
Operating junction temperature range
TJ
-55 to 150
oC
Storage temperature
Tstg
-55 to 175
oC
Mounting torque (non-lubricated threads)
F
2.0
Nm
Approximate allowable weight
W
5.0
g
DO-203AA (DO-4)


Similar Part No. - SD41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
30 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
SD41 TEL-SD41 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 30 A
logo
Naina Semiconductor ltd...
SD41 NAINA-SD41 Datasheet
130Kb / 1P
SCHOTTKY RECTIFIER
SD41 NAINA-SD41 Datasheet
99Kb / 2P
Schottky Barrier Rectifier Diode
More results

Similar Description - SD41

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJS6005WDPK RENESAS-RJS6005WDPK Datasheet
64Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
logo
GeneSiC Semiconductor, ...
GD30MPS06H GENESIC-GD30MPS06H Datasheet
469Kb / 7P
650V 30A SiC Schottky MPS??Diode
GD30MPS06J GENESIC-GD30MPS06J Datasheet
530Kb / 7P
650V 30A SiC Schottky MPS??Diode
GD30MPS12-CAL GENESIC-GD30MPS12-CAL Datasheet
304Kb / 6P
1200V 30A SiC Schottky MPS??Diode
logo
Rectron Semiconductor
SC3S06530A RECTRON-SC3S06530A Datasheet
313Kb / 5P
650V/30A Silicon Carbide Power Schottky Barrier diode
SC3S06530B RECTRON-SC3S06530B Datasheet
1Mb / 5P
650V/30A Silicon Carbide Power Schottky Barrier Diode
logo
UnitedSiC.
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D06530TS UNITEDSIC-UJ3D06530TS Datasheet
984Kb / 5P
30A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Silicon Supplies
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com