Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR80100 Datasheet (PDF) - Naina Semiconductor ltd.

MBR80100 Datasheet PDF - Naina Semiconductor ltd.
Part # MBR80100
Download  MBR80100 Download
File Size   123.23 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 80A

MBR80100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR80100 Datasheet PDF - Naina Semiconductor ltd.

Part # MBR80100
Download  MBR80100 Click to download

File Size   123.23 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 80A

MBR80100 Datasheet (HTML) - Naina Semiconductor ltd.


MBR80100 Product details

Features
• Fast Switching
• Low forward voltage drop
• High surge capability
• High efficiency, low power loss
• Normal and Reverse polarity




Similar Part No. - MBR80100

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR80100 TEL-MBR80100 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
logo
America Semiconductor, ...
MBR80100 AMERICASEMI-MBR80100 Datasheet
569Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIER
logo
Thinki Semiconductor Co...
MBR80100PT THINKISEMI-MBR80100PT Datasheet
3Mb / 3P
80Ampere Heatsink Dual Common Cathode Schottky Barrier Rectifier Diodes
Rev.14T
logo
TRANSYS Electronics Lim...
MBR80100R TEL-MBR80100R Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
logo
America Semiconductor, ...
MBR80100R AMERICASEMI-MBR80100R Datasheet
569Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIER
More results


Similar Description - MBR80100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG80100 FAIRCHILD-RURG80100 Datasheet
328Kb / 4P
80A, 1000V Ultrafast Diode
RURG8060 FAIRCHILD-RURG8060 Datasheet
330Kb / 4P
80A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG80100 INTERSIL-RURG80100 Datasheet
32Kb / 3P
80A, 1000V Ultrafast Diode
January 2000
RURG8060 INTERSIL-RURG8060 Datasheet
32Kb / 3P
80A, 600V Ultrafast Diode
January 2000
RURU80100 INTERSIL-RURU80100 Datasheet
32Kb / 3P
80A, 1000V Ultrafast Diode
January 2000
RURU8060 INTERSIL-RURU8060 Datasheet
32Kb / 3P
80A, 600V Ultrafast Diode
January 2000
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
Schottky Barrier Diode MODULE 80A/30A
logo
TRANSYS Electronics Lim...
FST8220SL TEL-FST8220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
logo
Naina Semiconductor ltd...
MBR8020 NAINA-MBR8020 Datasheet
124Kb / 2P
Schottky Power Diode, 80A
logo
Digitron Semiconductors
MBR8035 DIGITRON-MBR8035 Datasheet
827Kb / 3P
80A SCHOTTKY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com