Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC948L Datasheet (PDF) - Motorola, Inc

MPC948L Datasheet PDF - Motorola, Inc
Part # MPC948L
Download  MPC948L Download
File Size   106.06 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP

MPC948L Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC948L Datasheet PDF - Motorola, Inc

Part # MPC948L
Download  MPC948L Click to download

File Size   106.06 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP

MPC948L Datasheet (HTML) - Motorola, Inc


MPC948L Product details

LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP



The MPC948L is a 1:12 low voltage clock distribution chip. The device is pin and function compatible with the MPC948 with the added feature of 2.5V output capabilities. The device features the capability to select either

a differential LVPECL or a LVTTL compatible input. The 12 outputs are 2.5V LVCMOS or LVTTL compatible and feature the drive strength to drive 50Ωseries terminated transmission lines. With output–to–output skews of 350ps, the MPC948L is ideal as a clock distribution chip for the most demanding of synchronous systems.



• Clock Distribution for Intel Microprocessors

• LVPECL or LVCMOS/LVTTL Clock Input

• 350ps Maximum Output–to–Output Skew

• Drives Up to 24 Independent Clock Lines

• Maximum Output Frequency of 150MHz

• Synchronous Output Enable

• Tristatable Outputs

• 32–Lead TQFP Packaging

• 2.5V Output Capability




Similar Part No. - MPC948L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC948 MOTOROLA-MPC948 Datasheet
100Kb / 6P
LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP
More results


Similar Description - MPC948L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC941 MOTOROLA-MPC941 Datasheet
117Kb / 5P
LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP
MPC948 MOTOROLA-MPC948 Datasheet
100Kb / 6P
LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com