Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC240RT Datasheet (PDF) - Murata Manufacturing Co., Ltd.

FSOC240RT Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # FSOC240RT
Download  FSOC240RT Download
File Size   840.63 Kbytes
Page   22 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE

FSOC240RT Datasheet (PDF)

Go To PDF Page Download Datasheet
FSOC240RT Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # FSOC240RT
Download  FSOC240RT Click to download

File Size   840.63 Kbytes
Page   22 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE

FSOC240RT Datasheet (HTML) - Murata Manufacturing Co., Ltd.


FSOC240RT Product details

Based on more than 30 years of ceramic and ferrite technology experience, Murata Electronics’ full range of leaded EMI filters have been designed to meet today’s electronic industry requirements.
Murata’s leaded devices consist of ferrite bead inductors, feed-thru capacitors, 3 terminal capacitors, varistor/capacitors common mode chokes and block filters.




Similar Part No. - FSOC240RT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSO SCHURTER-FSO Datasheet
265Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
FSO SCHURTER-FSO Datasheet
243Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
Ultra Low Jitter.
logo
SOVICO corp.
FSO-20T SOVICO-FSO-20T Datasheet
203Kb / 1P
FASHION SPEAKER
logo
Fox Electronics
FSO-25LF FOX-FSO-25LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
More results


Similar Description - FSOC240RT

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
EMI Suppression Filter Dual Ferrite Bead Construction
7/20/01
logo
Wurth Elektronik GmbH &...
742792642 WURTH-742792642 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
782853601 WURTH-782853601 Datasheet
543Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782963600 WURTH-782963600 Datasheet
563Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782853401 WURTH-782853401 Datasheet
513Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
74269242111 WURTH-74269242111 Datasheet
714Kb / 7P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269221561 WURTH-74269221561 Datasheet
638Kb / 6P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269242161 WURTH-74269242161 Datasheet
700Kb / 7P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269262601 WURTH-74269262601 Datasheet
479Kb / 6P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
7427928251 WURTH-7427928251 Datasheet
951Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.001
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com