Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC240RT Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # FSOC240RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC240RT Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  FSOC240RT Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
EMI LEADED FILTERS
FERRITE BEAD INDUCTORS
BL01, BL02 & BL03 Series
248
CG01-I
Ferrite beads are used for noise suppression in car radios,
digital control equipment and for the prevention of spurious
oscillation in radio frequency amplifiers. These ferrite bead
inductors are devices which can effectively be used on
printed circuit boards where high component density is
essential. Taped and reeled types are also available for
automatic insertion. Radial leaded units can be classified
into two types — one using a single ferrite bead and the
other using two ferrite beads.
FEATURES
s High component density potential
s Double bead BL02RN2 types offered for more effective
noise suppression
s Taped and reeled radial and axial types for automatic
insertion can be provided as well as ammo packaging.
s Axial lead version BL01RN1-A62 available
APPLICATIONS
Micro computer, switching regulators, digital control
equipment, car radios, car stereos, etc.
BL
01
RN
1
–
A
62
T5
BEAD
BEAD TYPE
MATERIAL
NUMBER
LEAD
LEAD
TAPE
INDUCTOR
01 = Axial
OF BEADS
STYLE
CODE
STYLE
02 = Radial
A = Axial
03 = Compact Radial
R = Radial
PART NUMBERING SYSTEM
DIMENSIONS: mm
SPECIFICATIONS
RADIAL UNIT LEAD LENGTH
BL01RN1-A62
BL01RN1-A62B1
BL02RN2-R62
BL02RN1-R62
BL03RN2-R62
Suffix
Lead Length
*R62
10.0 ± 0.8
Bulk
R63
6.0 ± 0.5
R64
4.0 ± 0.8
Tape &
R62-T2
16.5 ± 0.5
Reel
R62-T3
20.0 ± 0.5
*R62-T4
18.5 ± 0.5
*Standard
Item
Characteristics
Permeability
( i)
550
Saturation Magnetic
(Bs)
3100 (gauss)
Residual Magnetic Flux Density
(Brs)
1700 (gauss)
Coercive Force
(Hc)
0.3 (Oe)
Curie Point
(Tc)
130 (°C)
Temp. Coefficient
(
r)
20 x 10–6
Relative Loss Factor
(DF/ i)
13 x 10–6
0.5 (MHz)
Resistivity
( )107 (Ohms–cm)
Max. Rated Current BL01 and BL02 (A) (Bulk)
7A
BL01 and BL02 (A) (Taped)
6A
BL03 (Taped or Bulk)
6A
CONFIGURATIONS
Part Number
Form
‚BL01RN1-A62
Axial, Single bead
‚BL01RN1-A62B1
Axial, Single bead, Bent
‚BL01RN1-A62T5
Axial, Single bead, Taped
‚BL01RN1-A63T6
Axial, Single bead, Taped
‚BL02RN1-R62
Radial, Single bead
‚BL02RN2-R62
Radial, Double bead
‚BL02RN1-R62T4
Radial, Single bead, (Ammo)
‚BL02RN2-R62T4
Radial, Double bead, (Ammo)
‚BL03RN2-R62
Radial, Double bead
‚BL03RN2-R62T4
Radial, Double bead, Ammo
Operating Temperature: –25°C to +85°C
‚Available as standard through authorized Murata Electronics Distributors.
3.60 D ± 0.15
3.6 ± 0.15
3.7 ± 1.0
10.0 ± 1.0
5.0 ± 0.3
5.0 ± 0.3
5.0 ± 0.8
9.0 max.
15.0
min.
7.5 max.
3.4 ± 0.2
45 min.
0.65 D.
0.65
0.65 D.
5.0 ± 0.8
5.0 ± 0.8
15.0
min.
15.0
min.
7.5 max.
7.5 max.
6.5 max.
8.3 max.
2.3 max.
3.4 ± 0.2
0.65 D.
0.60
20.0
min.
20.0
min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com