Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC240RT Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # FSOC240RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC240RT Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC240RT Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
258
CG01-I
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
VARISTOR-CAPACITORS
DSS710 Series
The reason the 3-terminal structure provides excellent
high frequency characteristics.
Bypass capacitors should logically be able to remove
more noise as frequency increases. In actual fact, the
electrodes and lead wires of the capacitor have series
inductance as shown in Fig. 3, and this causes an LC
resonance when the frequency is between 1MHz and
50MHz. As a result, when the frequency is higher than
the self-resonance frequency, the noise suppression
capability of the bypass capacitor is drastically reduced
because the capacitor functions as inductor. To solve
this problem, the DSS series has one side of the capacitor
electrodes connected to two lead wires. This eliminates
the series inductance to the capacitor. Furthermore,
a ferrite bead is attached to each lead wire to form a
T-shaped filter, thus providing efficient noise suppression.
Appearance
Ferrite bead:
Absorbs high-frequency noise.
Varistor:
Bypasses high-voltage
surges to ground in order
to protect circuits.
Capacitor:
Bypasses high-frequency noise.
Symbol
12-22
223S
Conventional 2-Lead Capacitor
3-Lead Capacitor (DSS Series)
Fig. 3 Equivalent circuit
12-22
223S
M
M
3 -TERMINAL STRUCTURE
APPLICATIONS
NOISE ABSORPTION EFFECT OF
VARISTOR-CAPACITOR
Waveform when a
Varistor-Capacitor is
not used (surge from
a noise simulator).
Varistor-Capacitor
is used to suppress
the surge
shown below
Waveform after the
noise passes through
a Varistor-Capacitor.
Protection of circuitry
is achieved.
The Varistor-Capacitor is capable of removing even
1200V surges and will withstand 2000V impulses.
SCALE:
200V/Div.
10NS/Div.
Systems
Lines to be connected to
Effects
Engine Controllers
Power lines, I/O for
Protection of systems from excessive voltage. Prevents ignition noise,
low-frequency current
lightning surges, etc. from causing malfunctions.
Automobile
Power lines, audio
Protection of system from excessive voltage. Prevents ignition noise from
Audio Equipment
output lines
influencing audio current.
Computers
Power lines, I/O lines for
Protection of systems from excessive voltage. Prevents radiation and
low-frequency current
conduction noise.
DC Motors
Power lines
Prevention of brush noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com