Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC240RT Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # FSOC240RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC240RT Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC240RT Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CG01-I
263
EMI LEADED FILTERS
NOISE FILTERS
DC COMMON MODE CHOKE COIL
FEATURES
s Extended self-resonant frequency
s Meets FCC, CISPR, VCCI noise requirements
s High current rating – 3A max.
s High density mounting
APPLICATIONS
Switching power supplies, digital equipment, CTV, VCR, ECR
and other electronic equipment and appliances.
SPECIFICATIONS
PLT09H Series
‚Available as standard through authorized Murata Electronics Distributors.
Rated Voltage
50VDC
Withstand Voltage (between coils)
125VDC (1 min.)
Rated Current (Amps)
3.0
Insulation Resistance
10M Ohms min.
(100VDC 1 minute)
DC Resistance Ohms max.
0.03
Inductance min.
20 H
Operating Temperature Range
–40°C to +85°C
Temperature Char. (Inductance)
20°C
% (–25°C ~ +60°C)
0.1
1
10
100
1000
Frequency (MHz)
0
5
10
15
20
25
30
N1
N1:N2 = 1:1
N2
DIMENSIONS: mm
CIRCUIT DIAGRAM
14 max.
Soldering
10 ± 0.5
Unit: mm
0.6 max.
5 ± 0.5
TYPICAL INSERTION LOSS CHARACTERISTICS
Micro Computer Equipment
Digital Equipment
AC Adaptor
PLT
PLT
PLT
PLT
GND
GND
12V
5V
Power Supply
Signal 1
Signal 2
Suppression of radiated noise from cable between AC adaptors
and sets.
Suppression of radiated noise from DC power supply and
interface cables.
APPLICATIONS
+80
–50
PART NUMBERING SYSTEM
‚PLT09H
200
3R
SERIES
INDUCTANCE
RATED
CURRENT
Interface
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com