Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC240RT Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # FSOC240RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC240RT Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  FSOC240RT Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC240RT Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
Series
Effective Frequency (MHz)
Equivalent
Page
.1
1
10
100
1000
10000
20000
Circuit
Ferrite Bead
BLO
248 - 249
3-Terminal
DS(S)306
250-251, 254
Capacitor
DS(S/T)310/H
252 - 254
3-Terminal
VFR303
255
Varistor/
DSS706
256
Capacitor
DSS710
257 - 258
Block
BNP
259
Filter
BNX
260 - 261
Common Mode
PLT
262 - 263
Chokes
Feed-Thru
Sub Mini DF/TF
264 - 265
Capacitor
TF318/H/418
266
EMC Absorber
EA
267
Ferrite
FS
268
CG01-I
247
EMI LEADED FILTERS
TABLE OF CONTENTS
Based on more than 30 years of ceramic and ferrite
technology experience, Murata Electronics’ full range of
leaded EMI filters have been designed to meet today’s
electronic industry requirements.
Murata’s leaded devices consist of ferrite bead inductors,
feed-thru capacitors, 3 terminal capacitors, varistor/capacitors
common mode chokes and block filters.
NE
W


Similar Part No. - FSOC240RT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSO SCHURTER-FSO Datasheet
265Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
FSO SCHURTER-FSO Datasheet
243Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
Ultra Low Jitter.
logo
SOVICO corp.
FSO-20T SOVICO-FSO-20T Datasheet
203Kb / 1P
FASHION SPEAKER
logo
Fox Electronics
FSO-25LF FOX-FSO-25LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
More results

Similar Description - FSOC240RT

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
EMI Suppression Filter Dual Ferrite Bead Construction
7/20/01
logo
Wurth Elektronik GmbH &...
742792642 WURTH-742792642 Datasheet
1Mb / 6P
WE-CBF SMD EMI Suppression Ferrite Bead
782853601 WURTH-782853601 Datasheet
543Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782963600 WURTH-782963600 Datasheet
563Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
001.000
782853401 WURTH-782853401 Datasheet
513Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
74269242111 WURTH-74269242111 Datasheet
714Kb / 7P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269221561 WURTH-74269221561 Datasheet
638Kb / 6P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269242161 WURTH-74269242161 Datasheet
700Kb / 7P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269262601 WURTH-74269262601 Datasheet
479Kb / 6P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
7427928251 WURTH-7427928251 Datasheet
951Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com