Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115AST Datasheet (PDF) - Analog Devices

AD8115AST Datasheet PDF - Analog Devices
Part # AD8115AST
Download  AD8115AST Download
File Size   1913.14 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 225 MHz 16 횞 16 Crosspoint Switches

AD8115AST Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8115AST Datasheet PDF - Analog Devices

Part # AD8115AST
Download  AD8115AST Click to download

File Size   1913.14 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost 225 MHz 16 횞 16 Crosspoint Switches

AD8115AST Datasheet (HTML) - Analog Devices




Similar Part No. - AD8115AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8115AST AD-AD8115AST Datasheet
363Kb / 26P
Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8115ASTZ AD-AD8115ASTZ Datasheet
403Kb / 25P
16x16 Crosspoint Switches
7/2016-Rev. B to Rev. C
More results


Similar Description - AD8115AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114 AD-AD8114 Datasheet
363Kb / 26P
Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8106 AD-AD8106 Datasheet
571Kb / 28P
260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
3/06-Revision 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178 Datasheet
829Kb / 40P
450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
Low Cost 225 MHz
REV. B
AD8115 AD-AD8115_15 Datasheet
1Mb / 33P
Low Cost 225 MHz
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com