Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 5 Page - Analog Devices

  AD8115AST Datasheet HTML 1Page - Analog Devices AD8115AST Datasheet HTML 2Page - Analog Devices AD8115AST Datasheet HTML 3Page - Analog Devices AD8115AST Datasheet HTML 4Page - Analog Devices AD8115AST Datasheet HTML 5Page - Analog Devices AD8115AST Datasheet HTML 6Page - Analog Devices AD8115AST Datasheet HTML 7Page - Analog Devices AD8115AST Datasheet HTML 8Page - Analog Devices AD8115AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD8114/AD8115
Rev. B | Page 5 of 32
TIMING CHARACTERISTICS (SERIAL)
Table 2. Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Serial Data Setup Time
t1
20
ns
CLK Pulse Width
t2
100
ns
Serial Data Hold Time
t3
20
ns
CLK Pulse Separation, Serial Mode
t4
100
ns
CLK to UPDATE Delay
t5
0
ns
UPDATE Pulse Width
t6
50
ns
CLK to DATA OUT Valid, Serial Mode
t7
200
ns
Propagation Delay, UPDATE to Switch On or Off
–
50
ns
Data Load Time, CLK = 5 MHz, Serial Mode
–
16
µs
CLK, UPDATE Rise and Fall Times
–
100
ns
RESET Time
–
200
ns
Table 3. Logic Levels
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, SER/PAR
CLK, DATA IN,
CE, UPDATE
RESET, SER/PAR
CLK, DATA IN,
CE, UPDATE
DATA OUT
DATA OUT
RESET, SER/PAR
CLK, DATA IN,
CE, UPDATE
RESET, SER/PAR
CLK, DATA IN,
CE, UPDATE
DATA OUT
DATA OUT
2.0 V min
0.8 V max
2.7 V min
0.5 V max
20 µA max
−400 µA min
−400 µA max
3.0 mA min
LOAD DATA INTO
SERIAL REGISTER
ON FALLING EDGE
1
0
1
0
DATA IN
CLK
1 = LATCHED
0 = TRANSPARENT
DATA OUT
OUT7 (D4)
OUT7 (D3)
OUT00 (D0)
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
t7
t1
t3
t6
t2
t4
t5
UPDATE
Figure 2. Timing Diagram, Serial Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com