Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115AST Datasheet(PDF) 24 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8115AST Datasheet HTML 20Page - Analog Devices AD8115AST Datasheet HTML 21Page - Analog Devices AD8115AST Datasheet HTML 22Page - Analog Devices AD8115AST Datasheet HTML 23Page - Analog Devices AD8115AST Datasheet HTML 24Page - Analog Devices AD8115AST Datasheet HTML 25Page - Analog Devices AD8115AST Datasheet HTML 26Page - Analog Devices AD8115AST Datasheet HTML 27Page - Analog Devices AD8115AST Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD8114/AD8115
Rev. B | Page 24 of 32
Effect of Impedances on Crosstalk
The input side crosstalk can be influenced by the output
impedance of the sources that drive the inputs. The lower the
impedance of the drive source, the lower the magnitude of the
crosstalk. The dominant crosstalk mechanism on the input side
is capacitive coupling. The high impedance inputs do not have
significant current flow to create magnetically induced
crosstalk. However, significant current can flow through the
input termination resistors and the loops that drive them. Thus,
the PC board on the input side can contribute to magnetically
coupled crosstalk.
From a circuit standpoint, the input crosstalk mechanism looks
like a capacitor coupling to a resistive load. For low frequencies,
the magnitude of the crosstalk will be given by
(
)
[
]s
C
R
XT
M
S
×
=
10
log
20
where
RS is the source resistance, CM is the mutual capacitance
between the test signal circuit and the selected circuit, and s is
the Laplace transform variable.
From the equation, it can be observed that this crosstalk
mechanism has a high-pass nature; it can be minimized by
reducing the coupling capacitance of the input circuits and
lowering the output impedance of the drivers. If the input is
driven from a 75 Ω terminated cable, the input crosstalk can be
reduced by buffering this signal with a low output impedance
buffer.
On the output side, the crosstalk can be reduced by driving a
lighter load. Although the AD8114/AD8115 is specified with
excellent differential gain and phase when driving a standard
150 Ω video load, the crosstalk will be higher than the
minimum obtainable due to the high output currents. These
currents will induce crosstalk via the mutual inductance of the
output pins and bond wires of the AD8114/AD8115.
From a circuit standpoint, this output crosstalk mechanism
looks like a transformer, with a mutual inductance between the
windings, that drives a load resistor. For low frequencies, the
magnitude of the crosstalk is given by
)
/
(
log
20
10
L
R
s
Mxy
XT
×
=
where
Mxy is the mutual inductance of Output X to Output Y,
and
RL is the load resistance on the measured output. This
crosstalk mechanism can be minimized by keeping the mutual
inductance low and increasing RL. The mutual inductance can
be kept low by increasing the spacing of the conductors and
minimizing their parallel length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com