Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115AST Datasheet(PDF) 29 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8115AST Datasheet HTML 24Page - Analog Devices AD8115AST Datasheet HTML 25Page - Analog Devices AD8115AST Datasheet HTML 26Page - Analog Devices AD8115AST Datasheet HTML 27Page - Analog Devices AD8115AST Datasheet HTML 28Page - Analog Devices AD8115AST Datasheet HTML 29Page - Analog Devices AD8115AST Datasheet HTML 30Page - Analog Devices AD8115AST Datasheet HTML 31Page - Analog Devices AD8115AST Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD8114/AD8115
Rev. B | Page 29 of 32
EVALUATION BOARD
57,59
58
75
Ω
INPUT 00
INPUT 00
AGND
75
Ω
54
0.01
µF
61
60
75
Ω
INPUT 01
INPUT 01
AGND
63
62
75
Ω
INPUT 02
INPUT 02
AGND
65
64
75
Ω
INPUT 03
INPUT 03
AGND
67
66
75
Ω
INPUT 04
INPUT 04
AGND
69
68
75
Ω
INPUT 05
INPUT 05
AGND
71
70
75
Ω
INPUT 06
INPUT 06
AGND
72
75
Ω
INPUT 07
INPUT 07
5
4
75
Ω
INPUT 08
INPUT 08
AGND
7
6
75
Ω
INPUT 09
INPUT 09
AGND
9
8
75
Ω
INPUT 10
INPUT 10
AGND
11
10
75
Ω
INPUT 11
INPUT 11
AGND
13
12
75
Ω
INPUT 12
INPUT 12
AGND
15
14
75
Ω
INPUT 13
INPUT 13
AGND
17
16
75
Ω
INPUT 14
INPUT 14
AGND
19
18
75
Ω
INPUT 15
INPUT 15
AGND
98
DATA OUT
96
DATA IN
P2-5
P2-4
P2-2
P2-3
P2-1
P2-6
2,74 100
99
97
95 84
83
82 81 80 79 78 77 76
SERIAL MODE
JUMP
R33
20k
Ω
DVCC
OUTPUT 00
20, 56
AVEE
AVEE
21, 55
AVCC
AVCC
1, 75
DVCC
AD8114/AD8115
DVCC DGND
NC
AVEE AGND AVCC
NC
P1-1
+
+
+
P1-2
P1-3
P1-4
P1-5
P1-6
P1-7
0.1
µF10µF
0.1
µF
0.01
µF
0.01
µF
0.01
µF
10
µF
0.1
µF10µF
JUMPER
3,73
AGND
R
R
R
NOTES
R = OPTIONAL 50
Ω TERMINATOR RESISTORS
C = OPTIONAL SMOOTHING CAPACITOR
R
RC
R
R
R
R
R
R
R
R
R
R
R
94
NO CONNECT:
85–93
AVCC
AVCC
OUTPUT 00
53
75
Ω
52
0.01
µF
OUTPUT 01
AVEE
AVEE
OUTPUT 01
51
75
Ω
50
0.01
µF
OUTPUT 02
AVCC
AVCC
OUTPUT 02
49
75
Ω
48
0.01
µF
OUTPUT 03
AVEE
AVEE
OUTPUT 03
47
75
Ω
46
0.01
µF
OUTPUT 04
AVCC
AVCC
OUTPUT 04
45
75
Ω
44
0.01
µF
OUTPUT 05
AVEE
AVEE
OUTPUT 05
43
75
Ω
42
0.01
µF
OUTPUT 06
AVCC
AVCC
OUTPUT 06
41
75
Ω
40
0.01
µF
OUTPUT 07
AVEE
AVEE
OUTPUT 07
39
75
Ω
38
0.01
µF
OUTPUT 08
AVCC
AVCC
OUTPUT 08
37
75
Ω
36
0.01
µF
OUTPUT 09
AVEE
AVEE
OUTPUT 09
35
75
Ω
34
0.01
µF
OUTPUT 10
AVCC
AVCC
OUTPUT 10
33
75
Ω
32
0.01
µF
OUTPUT 11
AVEE
AVEE
OUTPUT 11
31
75
Ω
30
0.01
µF
OUTPUT 12
AVCC
AVCC
OUTPUT 12
29
75
Ω
28
0.01
µF
OUTPUT 13
AVEE
AVEE
OUTPUT 13
27
75
Ω
26
0.01
µF
OUTPUT 14
AVCC
AVCC
OUTPUT 14
25
75
Ω
24
0.01
µF
OUTPUT 15
AVEE
AVEE
OUTPUT 15
23
22
AVCC
DVCC
Figure 57. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com