Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBTA92 Datasheet (PDF) - First Components International

FMBTA92 Datasheet PDF - First Components International
Part # FMBTA92
Download  FMBTA92 Download
File Size   69.96 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN SILICON TRANSISTOR EPITAXIAL PLANAR TRANSISTOR

FMBTA92 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBTA92 Datasheet PDF - First Components International

Part # FMBTA92
Download  FMBTA92 Click to download

File Size   69.96 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN SILICON TRANSISTOR EPITAXIAL PLANAR TRANSISTOR

FMBTA92 Datasheet (HTML) - First Components International


FMBTA92 Product details

NPN SILICON TRANSISTOR EPITAXIAL PLANAR TRANSISTOR

□ JUNCTION TEMPERATURE ----------------------------- +150℃ MAX
□ STORAGE TEMPERATURE ------------------------------ -55~ + 150℃
□ MAX POWER DISSIPATION Ta=25℃ ----------------- 250mW
□ MAX VOLTAGE AND CURRENT Ta=25℃
   VCBO COLLECTOR TO BASE VOLTAGE------------- 300V
   VCEO COLLECTOR TO EMITTER VOLTAGE-------- 300V
   VEBO EMITTER TO BASE VOLTAGE------------------ 5.0V
   IC COLLECTOR CURRENT-------------------------------- 500mA




Similar Part No. - FMBTA92

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBTA05 FORMOSA-FMBTA05 Datasheet
151Kb / 9P
Drive NPN Transistor
FMBTA06 FORMOSA-FMBTA06 Datasheet
151Kb / 9P
Drive NPN Transistor
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Formosa MS
FMBTA55 FORMOSA-FMBTA55 Datasheet
496Kb / 9P
Driver Transistor
More results


Similar Description - FMBTA92

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com