Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3911 Datasheet (PDF) - Microchip Technology

MCP3911 Datasheet PDF - Microchip Technology
Part # MCP3911
Download  MCP3911 Download
File Size   1852.33 Kbytes
Page   72 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3.3V Two-Channel Analog Front End

MCP3911 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3911 Datasheet PDF - Microchip Technology

Part # MCP3911
Download  MCP3911 Click to download

File Size   1852.33 Kbytes
Page   72 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3.3V Two-Channel Analog Front End

MCP3911 Datasheet (HTML) - Microchip Technology


MCP3911 Product details

Description
The MCP3911 is a 2.7V to 3.6V dual channel Analog Front End (AFE) containing two synchronous sampling Delta-Sigma Analog-to-Digital Converters (ADC), two PGAs, phase delay compensation block, low-drift internal voltage reference, modulator output block, digital offset and gain errors calibration registers and high-speed 20 MHz SPI compatible serial interface.

Features
• Two Synchronous Sampling 16/24-bit Resolution
   Delta-Sigma A/D Converters
• 94.5 dB SINAD, -106.5 dBc Total Harmonic
   Distortion (THD) (up to 35th harmonic), 111 dB
   SFDR for Each Channel
• 2.7V – 3.6V AVDD, DVDD
• Programmable Data Rate up to 125 ksps
   - 4 MHz Maximum Sampling Frequency
• Oversampling Ratio up to 4096
• Ultra Low Power Shutdown Mode with <2 µA
• -122 dB Crosstalk between the Two Channels
• Low Drift 1.2V Internal Voltage Reference: 7 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain Programmable Gain Amplifier (PGA)
   on Each Channel (up to 32V/V)
• Phase Delay Compensation with 1 µs Time
   Resolution
• Separate Modulator Output Pins for Each
   Channel
• Separate Data Ready Pin for Easy
   Synchronization
• Individual 24-bit Digital Offset and Gain Error
   Correction for Each Channel
• High-Speed 20 MHz SPI Interface with Mode 0,0
   and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
   Communication
• Low Power Consumption (8.9 mW at 3.3V,
   5.6 mW at 3.3V in low-power mode, typical)
• Available in Small 20-lead QFN and SSOP
   Packages, Pin-to-pin Compatible with MCP3901
• Extended Temperature Range: -40°C to +125°C

Applications
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition




Similar Part No. - MCP3911

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1 MICROCHIP-MCP3910A1 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results


Similar Description - MCP3911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com