Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3911 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3911 Datasheet HTML 1Page - Microchip Technology MCP3911 Datasheet HTML 2Page - Microchip Technology MCP3911 Datasheet HTML 3Page - Microchip Technology MCP3911 Datasheet HTML 4Page - Microchip Technology MCP3911 Datasheet HTML 5Page - Microchip Technology MCP3911 Datasheet HTML 6Page - Microchip Technology MCP3911 Datasheet HTML 7Page - Microchip Technology MCP3911 Datasheet HTML 8Page - Microchip Technology MCP3911 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 1
MCP3911
Features
• Two Synchronous Sampling 16/24-bit Resolution
Delta-Sigma A/D Converters
• 94.5 dB SINAD, -106.5 dBc Total Harmonic
Distortion (THD) (up to 35th harmonic), 111 dB
SFDR for Each Channel
• 2.7V - 3.6V AVDD, DVDD
• Programmable Data Rate up to 125 ksps
- 4 MHz Maximum Sampling Frequency
• Oversampling Ratio up to 4096
• Ultra Low Power Shutdown Mode with <2 µA
• -122 dB Crosstalk between the Two Channels
• LowDrift1.2V InternalVoltageReference:7 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain PGA on Each Channel (up to 32V/V)
• Phase Delay Compensation with 1 µs Time
Resolution
• Separate Modulator Output Pins for Each
Channel
• Separate Data Ready Pin for Easy
Synchronization
• Individual 24-bit Digital Offset and Gain Error
Correction for Each Channel
• High-Speed 20 MHz SPI Interface with Mode 0,0
and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication
• Low Power Consumption (8.9 mW at 3.3V,
5.6 mW at 3.3V in low-power mode, typical)
• Available in Small 20-lead QFN and SSOP Pack-
ages, Pin-to-pin Compatible with MCP3901
• Extended Temperature Range: -40°C to +125°C
Applications
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition
Description
The MCP3911 is a 2.7V to 3.6V dual channel Analog
Front End (AFE) containing two synchronous sampling
Delta-Sigma Analog-to-Digital Converters (ADC), two
PGAs, phase delay compensation block, low-drift
internal voltage reference, modulator output block,
digital offset and gain errors calibration registers, and
high-speed 20 MHz SPI compatible serial interface.
The MCP3911 ADCs are fully configurable with fea-
tures such as: 16/24-bit resolution, OSR from 32 to
4096, gain from 1x to 32x, independent shutdown and
reset, dithering and auto-zeroing. The communication
is largely simplified with the one-byte-long commands
including various continuous read/write modes that can
be accessed by the Direct Memory Access (DMA) of an
MCU, and with a separate data ready pin that can be
directly connected to an Interrupt Request (IRQ) input
of an MCU.
The MCP3911 is capable of interfacing a large variety
of voltage and current sensors including shunts,
current transformers, Rogowski coils and Hall effect
sensors.
Package Type
OSC1/CLKI
1
2
3
4
20
19
18
17
16
15
14
13
5
6
7
8
OSC2
SDI
RESET
DVDD
AVDD
CH0+
CH0-
CH1-
12
9
DGND
MDAT0
MDAT1
DR
CH1+
AGND
SDO
11
10
REFIN+/OUT
REFIN-
CS
SCK
20-Lead
SSOP
20-Lead
QFN
2
CH1-
CH1+
CH0+
SCK
CS
OSC2
OSC1/CLKI
CH0-
EP
20
1
19 18 17
3
4
14
13
12
11
678
9
21
5
10
15
16
AGND
DR
3.3V Two-Channel Analog Front End


Similar Part No. - MCP3911

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1 MICROCHIP-MCP3910A1 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results

Similar Description - MCP3911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com