Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3911 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3911
Description  3.3V Two-Channel Analog Front End
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3911 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3911 Datasheet HTML 17Page - Microchip Technology MCP3911 Datasheet HTML 18Page - Microchip Technology MCP3911 Datasheet HTML 19Page - Microchip Technology MCP3911 Datasheet HTML 20Page - Microchip Technology MCP3911 Datasheet HTML 21Page - Microchip Technology MCP3911 Datasheet HTML 22Page - Microchip Technology MCP3911 Datasheet HTML 23Page - Microchip Technology MCP3911 Datasheet HTML 24Page - Microchip Technology MCP3911 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
© 2012 Microchip Technology Inc.
DS22286A-page 21
MCP3911
3.11
Oscillator And Master Clock Input
Pins (OSC1/CLKI, OSC2)
OSC1/CLKI and OSC2 provide the master clock
(MCLK) for the device. When CLKEXT=0, a resonant
crystal or clock source with a similar sinusoidal wave-
form must be placed across these pins to ensure
proper operation. The typical clock frequency specified
is 4 MHz. For proper operation, and for optimizing ADC
accuracy, AMCLK should be limited to the maximum
frequency defined in the Table 5-3 in function of the
BOOST and PGA setting chosen. MCLK can take
larger values as long as the prescaler settings
(PRE<1:0>) limit AMCLK=MCLK/PRESCALE in the
defined range in the Table 5-3. Appropriate load
capacitance should be connected to these pins for
proper operation.
3.12
Chip Select (CS)
This pin is the SPI chip select that enables the serial
communication.
When
this
pin
is
high,
no
communication can take place. A chip select falling
edge initiates the serial communication and a chip
select rising edge terminates the communication. No
communication can take place even when CS is low
when RESET is low.
This input is Schmitt-triggered.
3.13
Serial Data Clock (SCK)
This is the serial clock pin for SPI communication.
Data is clocked into the device on the RISING edge of
SCK. Data is clocked out of the device on the FALLING
edge of SCK.
The MCP3911 interface is compatible with both SPI 0,0
and 1,1 modes. SPI modes can be changed during a
CS high time.
The maximum clock speed specified is 20 MHz.
This input is Schmitt triggered.
3.14
Serial Data Output (SDO)
This is the SPI data output pin. Data is clocked out of
the device on the FALLING edge of SCK.
This pin stays high impedance during the first
command byte. It also stays high impedance during the
whole communication for write commands and when
CS pin is high or when RESET pin is low. This pin is
active only when a read command is processed. Each
read is processed by packet of 8 bits.
3.15
Serial Data Input (SDI)
This is the SPI data input pin. Data is clocked into the
device on the RISING edge of SCK.
When CS is low, this pin is used to communicate with a
series of 8-bit commands.
The interface is half-duplex (inputs and outputs do not
happen at the same time).
Each communication starts with a chip select falling
edge followed by an 8-bit command word entered
through the SDI pin. Each command is either a Read or
a Write command. Toggling SDI during a Read
command has no effect.
This input is Schmitt triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com