Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGH48N60C3D1 Datasheet (PDF) - IXYS Corporation

IXGH48N60C3D1 Datasheet PDF - IXYS Corporation
Part # IXGH48N60C3D1
Download  IXGH48N60C3D1 Download
File Size   839.36 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications

IXGH48N60C3D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGH48N60C3D1 Datasheet PDF - IXYS Corporation

Part # IXGH48N60C3D1
Download  IXGH48N60C3D1 Click to download

File Size   839.36 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications

IXGH48N60C3D1 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXGH48N60C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH48N60C3D1 IXYS-IXGH48N60C3D1 Datasheet
209Kb / 7P
GenX3 600V IGBT with Diode
More results


Similar Description - IXGH48N60C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
GenX3 600V IGBTs with Diode
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
GenX3 600V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
GenX3 1200V IGBTs
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
GenX3TM 600V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
GenX3 600V IGBTs
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com