Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75U+ Datasheet (PDF) - Maxim Integrated Products

DS75U+ Datasheet PDF - Maxim Integrated Products
Part # DS75U+
Download  DS75U+ Download
File Size   189.54 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat

DS75U+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS75U+ Datasheet PDF - Maxim Integrated Products

Part # DS75U+
Download  DS75U+ Click to download

File Size   189.54 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat

DS75U+ Datasheet (HTML) - Maxim Integrated Products


DS75U+ Product details

DESCRIPTION

The DS75 digital thermometer and thermostat provides 9, 10, 11, or 12-bit digital temperature readings over a -55°C to +125°C range with ±2°C accuracy over a -25°C to +100°C range. At power-up, the DS75 defaults to 9-bit resolution for software compatibility with the LM75. Communication with the DS75 is achieved via a simple 2–wire serial interface. Three address pins allow up to eight DS75 devices to operate on the same 2–wire bus, which greatly simplifies distributed temperature sensing applications.



FEATURES

Temperature Measurements Require No External Components

Measures Temperatures from -55°C to +125°C (-67°F to +257°F)

±2°C Accuracy Over a -25°C to +100°C Range

Thermometer Resolution is User Configurable from Nine(Default) to 12 Bits (0.5°C to 0.0625°C Resolution)

9-Bit Conversion Time is 150ms (Max)

Thermostatic Settings are User-Definable

Data is Read/Written Via 2-Wire Serial (Interface (SDA and SCL Pins)

Multidrop Capability Simplifies Distributed Temperature-Sensing Applications

Wide Power-Supply Range (+2.7V to +5.5V).

Pin/software Compatible with the LM75

Available in 8-Pin μMAX® and SO Packages. See Table 1 for Ordering Information

Applications Include Personal Computers, Cellular Base Stations, Office Equipment, or Any Thermally Sensitive System




Similar Part No. - DS75U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75U+ MAXIM-DS75U+ Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
DS75U+T&R MAXIM-DS75U+T&R Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
More results


Similar Description - DS75U+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com