Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A392AW Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A392AW Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A392AW
Download  PI5A392AW Download
File Size   121.1 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide Bandwidth Quad Analog Switches

PI5A392AW Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A392AW Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A392AW
Download  PI5A392AW Click to download

File Size   121.1 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision Wide Bandwidth Quad Analog Switches

PI5A392AW Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A392AW Product details

Description

The PI5A391A/392A are monolithic analog switches designed for low-voltage, single-supply operation. These high-precision devices are ideal for low-distortion audio, video, signal switching and routing applications.

The PI5A391A is a quad single-pole single-throw (SPST), normally closed (NC) switch. The PI5A392A has four normally open (NO) switches.

Each switch conducts current equally well in either direction when on. When off they block voltages up to the power-supply rails.



Features

• Single-Supply Operation (+2V to +6V)

• Rail-to-Rail Analog Signal Range

• Low On-Resistance (6ohm typ @ 5V)

  Minimizes Distortion and Error Voltages

• RON Matching Between Channels, 0.4 ohm typ

• On-Resistance Flatness, 2ohm typ

• Low Charge Injection. Q=4pC typ.

  Reduces Step errors, “clicking, popping” noise

• High Speed. tON, 10ns typ

• Very Low Crosstalk: -72dB @ 30 MHz

• Wide -3dB Bandwidth: >200 MHz

• High-Current Channel Capability: >100mA

• TTL/CMOS Logic Compatible

• Low Power Consumption (0.5µW typ)

• Pin-compatible with DG3XX, DG4XX, MAX39X



Applications

• Audio, Video Switching and Routing

• Battery-Powered Communication Systems

• Computer Peripherals

• Telecommunications

• Portable Instrumentation

• Mechanical Relay Replacement



 




Similar Part No. - PI5A392AW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A392A PERICOM-PI5A392A Datasheet
311Kb / 8P
Bandwidth Quad Analog Switches
More results


Similar Description - PI5A392AW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
Wide Bandwidth Analog Switches
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
Bandwidth Quad Analog Switches
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
Precision Wide Bandwidth Analog Switches
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
Precision Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com