Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD835ARZ Datasheet (PDF) - Analog Devices

AD835ARZ Datasheet PDF - Analog Devices
Part # AD835ARZ
Download  AD835ARZ Download
File Size   237.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz, Voltage Output, 4-Quadrant Multiplier

AD835ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD835ARZ Datasheet PDF - Analog Devices

Part # AD835ARZ
Download  AD835ARZ Click to download

File Size   237.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz, Voltage Output, 4-Quadrant Multiplier

AD835ARZ Datasheet (HTML) - Analog Devices


AD835ARZ Product details

GENERAL DESCRIPTION
The AD835 is a complete four-quadrant, voltage output analog multiplier, fabricated on an advanced dielectrically isolated complementary bipolar process. It generates the linear product of its X and Y voltage inputs with a −3 dB output bandwidth of 250 MHz (a small signal rise time of 1 ns). Full-scale (−1 V to +1 V) rise to fall times are 2.5 ns (with a standard RL of 150 Ω), and the settling time to 0.1% under the same conditions is typically 20 ns.
Its differential multiplication inputs (X, Y) and its summing input (Z) are at high impedance. The low impedance output voltage (W) can provide up to ±2.5 V and drive loads as low as 25 Ω. Normal operation is from ±5 V supplies.
Though providing state-of-the-art speed, the AD835 is simple to use and versatile. For example, as well as permitting the addition of a signal at the output, the Z input provides the means to operate the AD835 with voltage gains up to about ×10. In this capacity, the very low product noise of this multiplier (50 nV/√Hz) makes it much more useful than earlier products.
The AD835 is available in an 8-lead PDIP package (N) and an 8-lead SOIC package (R) and is specified to operate over the −40°C to +85°C industrial temperature range.

FEATURES
   Simple: basic function is W = XY + Z
   Complete: minimal external components required
   Very fast: Settles to 0.1% of full scale (FS) in 20 ns
   DC-coupled voltage output simplifies use
   High differential input impedance X, Y, and Z inputs
   Low multiplier noise: 50 nV/√Hz
  
APPLICATIONS
   Very fast multiplication, division, squaring
   Wideband modulation and demodulation
   Phase detection and measurement
   Sinusoidal frequency doubling
   Video gain control and keying
   Voltage-controlled amplifiers and filters




Similar Part No. - AD835ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ARZ AD-AD835ARZ Datasheet
259Kb / 14P
250 MHz, Voltage Output, 4-Quadrant Multiplier
Rev. E
AD835ARZ-REEL AD-AD835ARZ-REEL Datasheet
237Kb / 16P
250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD835ARZ-REEL AD-AD835ARZ-REEL Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
More results


Similar Description - AD835ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734 Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV.C
AD835 AD-AD835 Datasheet
200Kb / 8P
250 MHz, Voltage Output 4-Quadrant Multiplier
REV.A
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Analog Devices
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835_15 Datasheet
237Kb / 16P
250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com