Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3690ECJ Datasheet (PDF) - Maxim Integrated Products

MAX3690ECJ Datasheet PDF - Maxim Integrated Products
Part # MAX3690ECJ
Download  MAX3690ECJ Download
File Size   444.48 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs

MAX3690ECJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3690ECJ Datasheet PDF - Maxim Integrated Products

Part # MAX3690ECJ
Download  MAX3690ECJ Click to download

File Size   444.48 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs

MAX3690ECJ Datasheet (HTML) - Maxim Integrated Products


MAX3690ECJ Product details

General Description
The MAX3690 serializer is ideal for converting 8-bit-wide, 77Mbps parallel data to 622Mbps serial data in ATM and SDH/SONET applications. Operating from a single +3.3V supply, this device accepts TTL clock and data inputs, and delivers a 3.3V differential PECL serial data output. A fully integrated PLL synthesizes an internal 622MHz serial clock from a low-speed crystal reference clock (77.76MHz, 51.84MHz, or 38.88MHz).
The MAX3690 is available in the extended-industrial temperature range (-40°C to +85°C) in a 32-pin TQFP package.

Features
♦ Selectable Reference Clock Frequency: 77.76MHz, 51.84MHz, or 38.88MHz
♦ Single +3.3V Supply
♦ 77Mbps (8-bit) Parallel to 622Mbps Serial Conversion
♦ Clock Synthesis for 622Mbps Serial Data
♦ 200mW Power
♦ TTL Parallel Clock and Data Inputs
♦ Differential 3.3V PECL Serial-Data Output

Applications
   622Mbps SDH/SONET Transmission Systems
   622Mbps ATM/SONET Access Nodes
   Add/Drop Multiplexers
   Digital Cross Connects




Similar Part No. - MAX3690ECJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3690ECJ MAXIM-MAX3690ECJ Datasheet
117Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3690ECJ MAXIM-MAX3690ECJ Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3690ECJ+ MAXIM-MAX3690ECJ+ Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
More results


Similar Description - MAX3690ECJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3690 MAXIM-MAX3690 Datasheet
117Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 1; 4/99
MAX3691 MAXIM-MAX3691 Datasheet
89Kb / 8P
3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-1207; Rev 0; 3/97
MAX3693 MAXIM-MAX3693 Datasheet
108Kb / 8P
3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 1; 4/99
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3892 MAXIM-MAX3892 Datasheet
179Kb / 11P
3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis
Rev 6; 10/07
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
MAX3690 MAXIM-MAX3690_V01 Datasheet
444Kb / 8P
3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
19-4774; Rev 2; 7/04
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com