Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF184 Datasheet (PDF) - Motorola, Inc

MRF184 Datasheet PDF - Motorola, Inc
Part # MRF184
Download  MRF184 Download
File Size   194.51 Kbytes
Page   9 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs

MRF184 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF184 Datasheet PDF - Motorola, Inc

Part # MRF184
Download  MRF184 Click to download

File Size   194.51 Kbytes
Page   9 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs

MRF184 Datasheet (HTML) - Motorola, Inc


MRF184 Product details

Designed for broadband commercial and industrial applications at frequencies to 1.0 GHz. The high gain and broadband performance of these devices makes them ideal for large–signal, common source amplifier applications in 28 volt base station equipment.

• Guaranteed Performance @ 945 MHz, 28 Volts
   Output Power = 60 Watts
   Power Gain = 11.5 dB
   Efficiency = 53%
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• S–Parameter Characterization at High Bias Levels
• Excellent Thermal Stability
• Capable of Handling 30:1 VSWR @ 28 Vdc, 945 MHz




Similar Part No. - MRF184

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
MRF184SR1 MOTOROLA-MRF184SR1 Datasheet
1,015Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
More results


Similar Description - MRF184

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
LATERAL NCHANNEL BROADBAND RF POWER MOSFET
MRF173 MOTOROLA-MRF173 Datasheet
107Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF6S21100HR3 FREESCALE-MRF6S21100HR3 Datasheet
670Kb / 15P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com