Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF3010 Datasheet (PDF) - Motorola, Inc

MRF3010 Datasheet PDF - Motorola, Inc
Part # MRF3010
Download  MRF3010 Download
File Size   106.2 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LATERAL N-CHANNEL BROADBAND RF POWER MOSFET

MRF3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF3010 Datasheet PDF - Motorola, Inc

Part # MRF3010
Download  MRF3010 Click to download

File Size   106.2 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LATERAL N-CHANNEL BROADBAND RF POWER MOSFET

MRF3010 Datasheet (HTML) - Motorola, Inc


MRF3010 Product details

Designed for IMARSAT satellite up link at 1.6 to 1.64 GHz, 28 volts, Class AB, CW amplifier applications.

• Guaranteed Performance @ 1.6 GHz, 28 Volts
   Output Power = 10 Watts
   Minimum Gain = 9.5 dB @ 10 Watts
   Minimum Efficiency = 45% @ 10 Watts
• High Gain, Rugged Device
• Bottom Side Source Eliminates DC Isolators,Reducing Common Mode Inductances
• Broadband Performance of This Device Makes It Ideal for Applications from 800 to 1700 MHz, Common–Source Class AB Operation.
• Typical Performance at Class A Operation:
   Pout = 2 Watts, VDD = 28 Volts, IDQ = 1 A,
   Gain = 12.5 dB, IMD = –32 dB
• Characterized with Small–Signal S–Parameters from 500 to 2500 MHz
• Capable of Handling 30:1 VSWR, @ 28 Vdc
• Circuit Board Available Upon Request by Contacting RF Tactical Marketing in Phoenix, AZ




Similar Part No. - MRF3010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF300AN NXP-MRF300AN Datasheet
685Kb / 17P
RF Power LDMOS Transistors
Rev. 0, 05/2018
MRF300BN NXP-MRF300BN Datasheet
685Kb / 17P
RF Power LDMOS Transistors
Rev. 0, 05/2018
logo
Motorola, Inc
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
MICROWAVE LINEAR POWER TRANSISTORS
MRF3095 MOTOROLA-MRF3095 Datasheet
65Kb / 6P
MICROWAVE LINEAR POWER TRANSISTORS
More results


Similar Description - MRF3010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
LATERAL NCHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com