Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1507 Datasheet (PDF) - Motorola, Inc

MRF1507 Datasheet PDF - Motorola, Inc
Part # MRF1507
Download  MRF1507 Download
File Size   206.31 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LATERAL NCHANNEL BROADBAND RF POWER MOSFET

MRF1507 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF1507 Datasheet PDF - Motorola, Inc

Part # MRF1507
Download  MRF1507 Click to download

File Size   206.31 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LATERAL NCHANNEL BROADBAND RF POWER MOSFET

MRF1507 Datasheet (HTML) - Motorola, Inc


MRF1507 Product details

The MRF1507 is designed for broadband commercial and industrial applications at frequencies to 520 MHz. The high gain and broadband performance of this device makes it ideal for large–signal, common source amplifier applications in 7.5 volt portable FM equipment.



• Specified Performance @ 520 MHz, 7.5 Volts

Output Power — 8 Watts

Power Gain — 10 dB

Efficiency — 65%

• Characterized with Series Equivalent Large–Signal

Impedance Parameters

• Excellent Thermal Stability

• Capable of Handling 20:1 VSWR, @ 9.5 Vdc,

520 MHz, 2 dB Overdrive

• Broadband UHF/VHF Demonstration Amplifier

Information Available Upon Request

• RF Power Plastic Surface Mount Package

• Available in Tape and Reel by Adding T1 Suffix to

Part Number. T1 Suffix = 1,000 Units per 12 mm, 7 Inch Reel.

 




Similar Part No. - MRF1507

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
More results


Similar Description - MRF1507

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
Broadband RF Power MOSFET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com