Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP279GSZ Datasheet (PDF) - Analog Devices

OP279GSZ Datasheet PDF - Analog Devices
Part # OP279GSZ
Download  OP279GSZ Download
File Size   254.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail High Output Current Operational Amplifiers

OP279GSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP279GSZ Datasheet PDF - Analog Devices

Part # OP279GSZ
Download  OP279GSZ Click to download

File Size   254.62 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail High Output Current Operational Amplifiers

OP279GSZ Datasheet (HTML) - Analog Devices


OP279GSZ Product details

GENERAL DESCRIPTION
The OP179 and OP279 are rail-to-rail, high output current, single-supply amplifiers. They are designed for low voltage applications that require either current or capacitive load drive capability. The OP179/OP279 can sink and source currents of ±60 mA (typical) and are stable with capacitive loads to 10 nF.
   
FEATURES
    Rail-to-Rail Inputs and Outputs
    High Output Current: ±60 mA
    Single Supply: +5 V to +12 V
    Wide Bandwidth: 5 MHz
    High Slew Rate: 3 V/μs
    Low Distortion: 0.01%
    Unity-Gain Stable
    No Phase Reversal
    Short Circuit Protected
    Drives Capacitive Loads: 10 nF
   
APPLICATIONS
    Multimedia
    Telecom
    DAA Transformer Driver
    LCD Driver
    Low Voltage Servo Control
    Modems
    FET Drivers
   




Similar Part No. - OP279GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP279GS AD-OP279GS Datasheet
228Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV.F
OP279GS AD-OP279GS Datasheet
253Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS AD-OP279GS Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS AD-OP279GS Datasheet
239Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
More results


Similar Description - OP279GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV.F
OP179 AD-OP179_02 Datasheet
253Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
logo
Analog Devices
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP179 AD-OP179_15 Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
Rev. G
OP279 AD-OP279_15 Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com