Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP279GSZ Datasheet(PDF) 2 Page - Analog Devices

Part # OP279GSZ
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GSZ Datasheet(HTML) 2 Page - Analog Devices

  OP279GSZ Datasheet HTML 1Page - Analog Devices OP279GSZ Datasheet HTML 2Page - Analog Devices OP279GSZ Datasheet HTML 3Page - Analog Devices OP279GSZ Datasheet HTML 4Page - Analog Devices OP279GSZ Datasheet HTML 5Page - Analog Devices OP279GSZ Datasheet HTML 6Page - Analog Devices OP279GSZ Datasheet HTML 7Page - Analog Devices OP279GSZ Datasheet HTML 8Page - Analog Devices OP279GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ELECTRICAL SPECIFICATIONS (@ V
S = 5.0 V, VCM = 2.5 V, –40 C
≤ TA ≤ +85 C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
OP179
VOS
VOUT = 2.5 V
±5mV
OP279
VOS
VOUT = 2.5 V
±4mV
Input Bias Current
IB
VOUT = 2.5 V, TA = 25
°C
±300
nA
VOUT = 2.5 V
±700
nA
Input Offset Current
IOS
VOUT = 2.5 V, TA = 25
°C
±50
nA
VOUT = 2.5 V
±100
nA
Input Voltage Range
VCM
05
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
56
66
dB
Large Signal Voltage Gain
AVO
RL = 1 k
Ω, 0.3 V ≤ V
OUT
≤ 4.7 V
20
V/mV
Offset Voltage Drift
∆V
OS/
∆T4
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 10 mA Source
+4.8
V
Output Voltage Low
VOL
IL = 10 mA Sink, TA = 25
°C75
mV
IL = 10 mA Sink
100
mV
Short-Circuit Limit
ISC
TA = 25
°C
±40
mA
Output Impedance
ZOUT
f = 1 MHz, AV = 1
22
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.5 V to 12 V
70
88
dB
Supply Current/Amplifier
ISY
VOUT = 2.5 V
3.5
mA
Supply Voltage Range
VS
+4.5
+12
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 1 k
Ω, 1 nF
3
V/
µs
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
φm
60
Degrees
Capacitive Load Drive
No Oscillation
10
nF
AUDIO PERFORMANCE
Total Harmonic Distortion
THD
0.01
%
Voltage Noise Density
en
f = 1 kHz
22
nV/
√Hz
ELECTRICAL SPECIFICATIONS (@ V
S =
5.0 V, –40 C
≤ TA ≤ +85 C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
OP179
VOS
VOUT = 0
±5mV
OP279
VOS
VOUT = 0
±4mV
Input Bias Current
IB
TA = 25
°C
±300
nA
±700
nA
Input Offset Current
IOS
TA = 25
°C
±50
nA
±100
nA
Input Voltage Range
VCM
–5
+5
V
Common-Mode Rejection Ratio
CMRR
VCM = –5 V to +5 V
56
66
dB
Large Signal Voltage Gain
AVO
RL = 1 k
Ω, –4.7 V ≤ V
OUT
≤ 4.7 V
20
V/mV
Offset Voltage Drift
∆V
OS/
∆T3
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 10 mA Source
+4.8
V
Output Voltage Low
VOL
IL = 10 mA Sink
–4.85
V
Short Circuit Limit
ISC
TA = 25
°C
±50
mA
Open-Loop Output Impedance
ZOUT
f = 1 MHz, AV = +1
22
Ω
POWER SUPPLY
Supply Current/Amplifier
ISY
VS =
±6 V, V
OUT = 0 V
3.75
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 1 k
Ω, 1 nF
3
V/
µs
Full-Power Bandwidth
BWp
1% Distortion
kHz
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
φm
69
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
en
f = 1 kHz
22
nV/
√Hz
Current Noise Density
in
1
pA/
√Hz
Specifications subject to change without notice.
OP179/OP279–SPECIFICATIONS
–2–
REV. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com