Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP279GSZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP279GSZ
Description  Rail-to-Rail High Output Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP279GSZ Datasheet(HTML) 3 Page - Analog Devices

  OP279GSZ Datasheet HTML 1Page - Analog Devices OP279GSZ Datasheet HTML 2Page - Analog Devices OP279GSZ Datasheet HTML 3Page - Analog Devices OP279GSZ Datasheet HTML 4Page - Analog Devices OP279GSZ Datasheet HTML 5Page - Analog Devices OP279GSZ Datasheet HTML 6Page - Analog Devices OP279GSZ Datasheet HTML 7Page - Analog Devices OP279GSZ Datasheet HTML 8Page - Analog Devices OP279GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP179/OP279
–3–
REV. G
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 V
Differential Input Voltage
1 . . . . . . . . . . . . . . . . . . . . . . . . .
±1 V
Output Short-Circuit Duration to GND . . . . . . . . . . Indefinite
Storage Temperature Range
S, RT, RU Package . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP179G/OP279G . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
S, RT, RU Package . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the OP179/OP279 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Package
Temperature Range
Package Description
Package Option
Brand Code
OP179GRT
–40
°C to +85°C
5-Lead SOT-23
RT-5
A2G
OP279GS
–40
°C to +85°C
8-Lead SOIC
SO-8
OP279GRU
–40
°C to +85°C
8-Lead TSSOP
RU-8
WARNING!
ESD SENSITIVE DEVICE
Package Types
JA
2
JC
Unit
5-Lead SOT-23 (RT)
256
81
°C/W
8-Lead SOIC (S)
158
43
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
NOTES
1The inputs are clamped with back-to-back diodes. If the differential input voltage
exceeds 1 volt, the input current should be limited to 5 mA.
2
θ
JA is specified for the worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for SOIC packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com