Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5209-2.5BU Datasheet (PDF) - Micrel Semiconductor

MIC5209-2.5BU Datasheet PDF - Micrel Semiconductor
Part # MIC5209-2.5BU
Download  MIC5209-2.5BU Download
File Size   1483.1 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA Low-Noise LDO Regulator

MIC5209-2.5BU Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5209-2.5BU Datasheet PDF - Micrel Semiconductor

Part # MIC5209-2.5BU
Download  MIC5209-2.5BU Click to download

File Size   1483.1 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500mA Low-Noise LDO Regulator

MIC5209-2.5BU Datasheet (HTML) - Micrel Semiconductor


MIC5209-2.5BU Product details

General Description
The MIC5209 is an effi cient linear voltage regulator with very low dropout voltage, typically 10mV at light loads and less than 500mV at full load, with better than 1% output voltage accuracy.
Designed especially for hand-held, battery-powered devices, the MIC5209 features low ground current to help prolong battery life. An enable/shutdown pin on SO-8 and TO-263-5 versions can further improve battery life with near-zero shutdown current.

Features
• Meets Intel® Slot 1 and Slot 2 requirements
• Guaranteed 500mA output over the full operating temperature range
• Low 500mV maximum dropout voltage at full load
• Extremely tight load and line regulation
• Thermally-effi cient surface-mount package
• Low temperature coeffi cient
• Current and thermal limiting
• Reversed-battery protection
• No-load stability
• 1% output accuracy
• Ultra-low-noise capability in SO-8 and TO-263-5
• Ultra-small 3mm x 3mm MLF™ package

Applications
• Pentium II Slot 1 and Slot 2 support circuits
• Laptop, notebook, and palmtop computers
• Cellular telephones
• Consumer and personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-effi ciency linear power supplies




Similar Part No. - MIC5209-2.5BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-2.5BU MICREL-MIC5209-2.5BU Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
MIC5209-2.5BU MICREL-MIC5209-2.5BU Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
More results


Similar Description - MIC5209-2.5BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
LOW NOISE 500mA LDO REGULATOR
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com