Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet (PDF) - Analog Devices

BAS516 Datasheet PDF - Analog Devices
Part # BAS516
Download  BAS516 Download
File Size   562.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC

BAS516 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS516 Datasheet PDF - Analog Devices

Part # BAS516
Download  BAS516 Click to download

File Size   562.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC

BAS516 Datasheet (HTML) - Analog Devices




Similar Part No. - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Leshan Radio Company
BAS516 LRC-BAS516 Datasheet
162Kb / 3P
High-speed diode
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
TRANSYS Electronics Lim...
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516 Datasheet
188Kb / 4P
High Speed Switching Diode
More results


Similar Description - BAS516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD420 AD-AD420_11 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420_15 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com